Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER16 Datasheet(PDF) 23 Page - STMicroelectronics

Part # VIPER16
Description  Fixed frequency VIPer™ plus family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER16 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VIPER16 Datasheet HTML 19Page - STMicroelectronics VIPER16 Datasheet HTML 20Page - STMicroelectronics VIPER16 Datasheet HTML 21Page - STMicroelectronics VIPER16 Datasheet HTML 22Page - STMicroelectronics VIPER16 Datasheet HTML 23Page - STMicroelectronics VIPER16 Datasheet HTML 24Page - STMicroelectronics VIPER16 Datasheet HTML 25Page - STMicroelectronics VIPER16 Datasheet HTML 26Page - STMicroelectronics VIPER16 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
DocID15232 Rev 7
23/30
VIPER16
Layout guidelines and design recommendations
30
16
Layout guidelines and design recommendations
A proper printed circuit board layout is essential for correct operation of any switch-mode
converter and this is true for the VIPer16 as well. Also some trick can be used to make the
design rugged versus external influences.
Careful component placing, correct traces routing, appropriate traces widths and
compliance with isolation distances are the major issues.
The main reasons to have a proper PCB routing are:
–
Provide a noise free path for the signal ground and for the internal references,
ensuring good immunity against external noises and switching noises
–
Minimize the pulsed loops (both primary and secondary) to reduce the
electromagnetic interferences, both radiated and conducted and passing more
easily the EMC regulations.
The below list can be used as guideline when designing a SMPS using VIPer16.
–
Signal ground routing should be routed separately from power ground and, in
general, from any pulsed high current loop;
–
Connect all the signal ground traces to the power ground, using a single "star
point", placed close to the IC GND pin;
–
With flyback topologies, when the auxiliary winding is used, it is suggested to
connect the VDD capacitor on the auxiliary return and then to the main GND using
a single track;
–
The compensation network should be connected as close as possible to the
COMP pin, maintaining the trace for the GND as short as possible;
–
A small bypass capacitor (a few hundreds pF up to 0.1 µF) to GND might be useful
to get a clean bias voltage for the signal part of the IC and protect the IC itself
during EFT/ESD tests. A low ESL ceramic capacitor should be used, placed as
close as possible to the VDD pin;
–
When using SO16 package it is recommended to connect the pin 4 to GND pin,
using a signal track, in order to improve the noise immunity. This is highly
recommended in case of high nosily environment;
–
An optional capacitor can be connected on the LIM pin in order to improve the IC
noise immunity. It is strongly recommended to don't exceed 470nF.
–
The IC thermal dissipation takes place through the drain pins. An adequate heat
sink copper area has to be designed under the drain pins to improve the thermal
dissipation;
–
It is not recommended to place large copper areas on the GND pins.
–
Minimize the area of the pulsed loops (primary, RCD and secondary loops), in
order to reduce its parasitic self- inductance and the radiated electromagnetic
field: this will greatly reduce the electromagnetic interferences produced by the
power supply during the switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com