Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER38HDTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # VIPER38HDTR
Description  VIPerPlus family: peak power high-voltage converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER38HDTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VIPER38HDTR Datasheet HTML 13Page - STMicroelectronics VIPER38HDTR Datasheet HTML 14Page - STMicroelectronics VIPER38HDTR Datasheet HTML 15Page - STMicroelectronics VIPER38HDTR Datasheet HTML 16Page - STMicroelectronics VIPER38HDTR Datasheet HTML 17Page - STMicroelectronics VIPER38HDTR Datasheet HTML 18Page - STMicroelectronics VIPER38HDTR Datasheet HTML 19Page - STMicroelectronics VIPER38HDTR Datasheet HTML 20Page - STMicroelectronics VIPER38HDTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
DocID025703 Rev 2
17/31
VIPER38
Operation
31
7.4
Power-down
At converter power-down, the system loses its ability to regulate as soon as the decreasing
input voltage is low enough for the peak current limitation to be reached. The VDD voltage
drops and when it falls below the VDDoff threshold (see Table 7: Supply section) the power
MOSFET is switched OFF, the energy transfers to the IC is interrupted and, consequently,
the VDD voltage decreases (Table 19: Soft-start: timing diagram), the startup sequence is
inhibited and the power-down is completed. This feature is useful as it prevents the
converter from attempting a restart and ensures monotonic output voltage decay during
system power-down.
7.5
Auto-restart
Every time a protection is tripped, the IC is automatically restarted after a duration that
depends on the discharge and recharge of the CVDD capacitor. As shown in Figure 20:
Timing diagram: behavior after short-circuit, after a fault the IC is stopped and,
consequently, the VDD voltage decreases because of the IC's consumption. As soon as the
VDD voltage falls below the threshold VDD(RESTART) and if the DC input voltage is higher
than VDRAIN_START threshold, the internal HV current source is turned ON and it starts to
charge the CVDD capacitor with the current IDDch2 (0.6 mA, typ). As soon as the VDD voltage
reaches the threshold VDD(ON), the IC restarts.
Figure 20. Timing diagram: behavior after short-circuit
7.6
Oscillator
The switching frequency is internally fixed to 60 kHz or 115 kHz. In both cases the switching
frequency is modulated by approximately ±4 kHz (60 kHz version) or ±8 kHz (115 kHz
version) at 920 Hz (typical) rate, so that the resulting spread-spectrum action distributes the
energy of each harmonic of the switching frequency over a number of side-band harmonics
having the same energy on the whole, but smaller amplitudes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com