Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER38HDTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # VIPER38HDTR
Description  VIPerPlus family: peak power high-voltage converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER38HDTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VIPER38HDTR Datasheet HTML 19Page - STMicroelectronics VIPER38HDTR Datasheet HTML 20Page - STMicroelectronics VIPER38HDTR Datasheet HTML 21Page - STMicroelectronics VIPER38HDTR Datasheet HTML 22Page - STMicroelectronics VIPER38HDTR Datasheet HTML 23Page - STMicroelectronics VIPER38HDTR Datasheet HTML 24Page - STMicroelectronics VIPER38HDTR Datasheet HTML 25Page - STMicroelectronics VIPER38HDTR Datasheet HTML 26Page - STMicroelectronics VIPER38HDTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
DocID025703 Rev 2
23/31
VIPER38
Operation
31
7.11
Burst-mode operation at no load or very light load
When the load decreases, the feedback loop reacts by lowering the feedback pin voltage. If
it falls below the burst mode threshold, VFBbm, the power MOSFET is no longer allowed to
be switched on. After the MOSFET stops, the feedback pin voltage increases and when it
exceeds the level, VFBbm + VFBbmhys, the power MOSFET starts switching again. The burst
mode thresholds are provided in Table 8: Controller section and Figure 25: Burst mode
timing diagram, light load shows this behavior. The system alternates between a period of
time where the power MOSFET is switching to a period of time where the power MOSFET is
not switching. This mode of operation is the burst mode. The advantage of burst mode
operation is an average switching frequency much lower than the normal operation
frequency, up to several hundred hertz, minimizing all frequency-related losses. In order to
prevent audible noise, during burst mode the drain current peak is clamped to the level,
ID_BM, given in Table 8: Controller section.
Figure 25. Burst mode timing diagram, light load
7.12
Extra power timer (EPT)
The extra power timer feature allows the setting of a blanking time inside which an overload
current can be admitted. The timer is set through a capacitor (CEPT) connected to the EPT
pin. Its duration is in the range of a few seconds and is limited by thermal constraints.
The extra power timer (EPT) is started as soon as the drain current reaches the threshold
IDLIM_EPT (typ. 85% of IDlim) and its duration is defined by the time needed to charge the
capacitor CEPT up to the value VEPT(STOP) (4V, typ). The charging current is IEPT (-5 uA,
typ).
If the EPT starts, the IC sustains the overload and continues to operate normally if the drain
current falls below the threshold IDLIM_EPT (85% of IDlim) before the EPT voltage reaches the
value VEPT(STOP). The capacitor CEPT is discharged through the current IEPT (5 uA, typ) and
the next EPT is inhibited until the EPT voltage is higher than VEPT(RESTART) (0.6 V, typ). If
the EPT starts and the EPT voltage reaches the value VEPT(STOP), the IC stops and it is
automatically restarted. The CVDD capacitor is then discharged down to the value
VDD(RESTART) (4.5 V, typ) and is recharged, through the HV current source, up to the value
VDDon (14 V, typ). Also in this case the capacitor CEPT is discharged through the IEPT
current. See Figure 26: EPT timing diagram and Table 7: Supply section. The EPT pin has



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com