Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER38HDTR Datasheet(PDF) 28 Page - STMicroelectronics

Part # VIPER38HDTR
Description  VIPerPlus family: peak power high-voltage converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER38HDTR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VIPER38HDTR Datasheet HTML 23Page - STMicroelectronics VIPER38HDTR Datasheet HTML 24Page - STMicroelectronics VIPER38HDTR Datasheet HTML 25Page - STMicroelectronics VIPER38HDTR Datasheet HTML 26Page - STMicroelectronics VIPER38HDTR Datasheet HTML 27Page - STMicroelectronics VIPER38HDTR Datasheet HTML 28Page - STMicroelectronics VIPER38HDTR Datasheet HTML 29Page - STMicroelectronics VIPER38HDTR Datasheet HTML 30Page - STMicroelectronics VIPER38HDTR Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Package information
VIPER38
28/31
DocID025703 Rev 2
Table 11. SO16 Narrow mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.75
A1
0.1
0.25
A2
1.25
b
0.31
0.51
c
0.17
0.25
D
9.8
9.9
10
E
5.8
6
6.2
E1
3.8
3.9
4
e
1.27
h
0.25
0.5
L
0.4
1.27
k
0
8
ccc
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com