Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER38HDTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # VIPER38HDTR
Description  VIPerPlus family: peak power high-voltage converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER38HDTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VIPER38HDTR Datasheet HTML 17Page - STMicroelectronics VIPER38HDTR Datasheet HTML 18Page - STMicroelectronics VIPER38HDTR Datasheet HTML 19Page - STMicroelectronics VIPER38HDTR Datasheet HTML 20Page - STMicroelectronics VIPER38HDTR Datasheet HTML 21Page - STMicroelectronics VIPER38HDTR Datasheet HTML 22Page - STMicroelectronics VIPER38HDTR Datasheet HTML 23Page - STMicroelectronics VIPER38HDTR Datasheet HTML 24Page - STMicroelectronics VIPER38HDTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
DocID025703 Rev 2
21/31
VIPER38
Operation
31
When the feedback pin voltage reaches the threshold VFBlin, an internal current generator
starts to charge the feedback capacitor (CFB) and when the feedback voltage reaches the
VFBolp threshold, the converter is turned off and the automatic restart is activated.
During startup, when the output voltage is still low, if the feedback network is not properly
dimensioned, the feedback voltage could rise up to the overload threshold (VFBolp)
generating the switching off of the IC itself. Taking into account that the feedback network
also fixes the loop stability, two options can be considered for this network.
The time from the overload detection (VFB = VFBlin) to the device shutdown (VFB = VFBolp)
must be set by CFB (or CFB1) using the formula:
Equation 5
In the option 1 shown in Figure 23: FB pin configuration (option 1), the capacitor CFB has a
dual function: guaranteeing the loop compensation and fixing the overload delay time as
calculated in Equation 5.
Owing to the above considerations, the OLP delay time must be long enough to bypass the
initial output voltage transient and check the overload condition only when the output
voltage is in steady state. The output transient time depends on the value of the output
capacitor and on the load.
When the value of the CFB capacitor calculated for the loop stability is too low and cannot
ensure enough OLP delay, an alternative compensation network can be used and it is
shown in Figure 24: FB pin configuration (option 2).
Using this alternative compensation network, two poles (fPFB, fPFB1) and one zero (fZFB) are
introduced by the capacitors CFB and CFB1 and the resistor RFB1.
The capacitor CFB introduces a pole (fPFB) at higher frequency than fZB and fPFB1. This pole
is usually used to compensate the high-frequency zero due to the ESR (equivalent series
resistor) of the output capacitance of the flyback converter.
The mathematical expressions of these poles and zero frequency are:
Equation 6
Equation 7
The RFB(DYN) is the dynamic resistance seen by the FB pin.
T
OLP
delay
–
C
FB
V
FBolp
V
FBlin
–
I
FB2
----------------------------------------
×
=
f
ZFB
1
2
π C
FB1
R
FB1
⋅⋅
⋅
-----------------------------------------------
=
f
PFB
R
FB DYN
()
R
FB1
+
2
π C
FB
R
FB DYN
() RFB1
⋅
()
⋅⋅
⋅
-------------------------------------------------------------------------------
=
()
)
DYN
(
FB
1
FB
1
FB
1
PFB
R
R
C
2
1
f
+
⋅
⋅
π
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com