Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A7 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # S3A7
Description  32-bit ARM Cortex-M4 microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A7 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button S3A7 Datasheet HTML 35Page - Renesas Technology Corp S3A7 Datasheet HTML 36Page - Renesas Technology Corp S3A7 Datasheet HTML 37Page - Renesas Technology Corp S3A7 Datasheet HTML 38Page - Renesas Technology Corp S3A7 Datasheet HTML 39Page - Renesas Technology Corp S3A7 Datasheet HTML 40Page - Renesas Technology Corp S3A7 Datasheet HTML 41Page - Renesas Technology Corp S3A7 Datasheet HTML 42Page - Renesas Technology Corp S3A7 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 133 page
background image
R01DS0263EU0100 Rev.1.00
Page 39 of 130
Feb 23, 2016
S3A7
2. Electrical Characteristics
Figure 2.10
VOH/VOL and IOH/IOL Temperature Characteristics at VCC = 3.3 V When Middle drive output is
Selected (Reference Data)
Figure 2.11
VOH/VOL and IOH/IOL Temperature Characteristics at VCC = 5.5 V When Middle drive output is
Selected (Reference Data)
00.5
1
1.5
2
2.5
33.5
-60
-40
-20
0
20
40
60
IOH/IOL vs VOH/VOL
VOH/VOL [V]
Ta = -40°C
Ta = 105°C
Ta = 25°C
Ta = 105°C
Ta = -40°C
Ta = 25°C
0123
456
-140
-120
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
140
IOH/IOL vs VOH/VOL
VOH/VOL [V]
Ta = -40°C
Ta = 105°C
Ta = 25°C
Ta = 105°C
Ta = -40°C
Ta = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com