Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A7 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # S3A7
Description  32-bit ARM Cortex-M4 microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A7 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button S3A7 Datasheet HTML 9Page - Renesas Technology Corp S3A7 Datasheet HTML 10Page - Renesas Technology Corp S3A7 Datasheet HTML 11Page - Renesas Technology Corp S3A7 Datasheet HTML 12Page - Renesas Technology Corp S3A7 Datasheet HTML 13Page - Renesas Technology Corp S3A7 Datasheet HTML 14Page - Renesas Technology Corp S3A7 Datasheet HTML 15Page - Renesas Technology Corp S3A7 Datasheet HTML 16Page - Renesas Technology Corp S3A7 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 133 page
background image
R01DS0263EU0100 Rev.1.00
Page 13 of 130
Feb 23, 2016
S3A7
1. Overview
SPI
RSPCKA, RSPCKB
I/O
Clock input/output pin.
MOSIA, MOSIB
I/O
Inputs or outputs data output from the master.
MISOA, MISOB
I/O
Inputs or outputs data output from the slave.
SSLA0, SSLB0
I/O
Input or output pin for slave selection.
SSLA1, SSLA2,
SSLA3, SSLB1,
SSLB2, SSLB3
Output
Output pin for slave selection.
QSPI
QSPCLK
Output
QSPI clock output pin.
QSSL
Output
QSPI slave output pin.
QIO0
I/O
Master transmit data/data 0.
QIO1
I/O
Master input data/data 1.
QIO2, QIO3
I/O
Data 2, Data 3.
CAN
CRX0
Input
Receive data.
CTX0
Output
Transmit data.
USBFS
VSS_USB
Input
Ground pins.
VCC_USB_LDO
Input
Power supply pin for USB LDO regulator.
VCC_USB
I/O
Input: Power supply pin for USB transceiver.
Output: USB LDO regulator output pin. This pin should be connected to an
external capacitor.
USB_DP
I/O
D+ I/O pin of the USB on-chip transceiver. This pin should be connected to
the D+ pin of the USB bus.
USB_DM
I/O
D– I/O pin of the USB on-chip transceiver. This pin should be connected to
the D– pin of the USB bus.
USB_VBUS
Input
USB cable connection monitor pin. This pin should be connected to VBUS
of the USB bus. The VBUS pin status (connected or disconnected) can be
detected when the USB module is operating as a function controller.
USB_EXICEN
Output
Low-power control signal for external power supply (OTG) chip
USB_VBUSEN
Output
VBUS (5 V) supply enable signal for external power supply chip
USB_OVRCURA,
USB_OVRCURB
Input
External overcurrent detection signals should be connected to these pins.
VBUS comparator signals should be connected to these pins when the
OTG power supply chip is connected.
USB_ID
Input
MicroAB connector ID input signal should be connected to this pin during
operation in OTG mode.
SDHI
SD0CLK
Output
SD clock output pin.
SD0CMD
I/O
SD command output, response input signal pin.
SD0DAT0 to
SD0DAT7
I/O
SD data bus pins.
SD0WP
Input
SD write-protect signal.
Analog power
supply
AVCC0
Input
Analog voltage supply pin for the analog. Connect this pin to VCC.
AVSS0
Input
Analog ground pin. Connect this pin to VSS.
VREFH0
Input
Analog reference voltage supply pin for the A/D converter. Connect this pin
to VCC when not using the A/D converter.
VREFL0
Input
Analog reference ground pin for the A/D converter. Connect this pin to VSS
when not using the A/D converter.
VREFH
Input
Analog reference voltage supply pin for D/A converter.
VREFL
Input
Analog reference ground pin for D/A converter.
ADC14
AN000 to AN027
Input
Input pins for the analog signals to be processed by the A/D converter.
ADTRG0
Input
Input pins for the external trigger signals that start the A/D conversion,
active LOW.
DAC12
DA0, DA1
Output
Output pins for the analog signals to be processed by the D/A converter.
Comparator output
VCOUT
Output
Comparator output pin.
ACMPHS
IVREF0 to IVREF5
Input
Reference voltage input pin.
IVCMP0 to IVCMP5
Input
Analog voltage input pin.
ACMPLP
CMPREF0,
CMPREF1
Input
Reference voltage input pin.
CMPIN0, CMPIN1
Input
Analog voltage input pins.
Function
Signal
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com