Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A7 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # S3A7
Description  32-bit ARM Cortex-M4 microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A7 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button S3A7 Datasheet HTML 87Page - Renesas Technology Corp S3A7 Datasheet HTML 88Page - Renesas Technology Corp S3A7 Datasheet HTML 89Page - Renesas Technology Corp S3A7 Datasheet HTML 90Page - Renesas Technology Corp S3A7 Datasheet HTML 91Page - Renesas Technology Corp S3A7 Datasheet HTML 92Page - Renesas Technology Corp S3A7 Datasheet HTML 93Page - Renesas Technology Corp S3A7 Datasheet HTML 94Page - Renesas Technology Corp S3A7 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 133 page
background image
R01DS0263EU0100 Rev.1.00
Page 91 of 130
Feb 23, 2016
S3A7
2. Electrical Characteristics
2.3.15
CLKOUT Timing
Note 1.
When the EXTAL external clock input or an oscillator is used with division by 1 (the CKOCR.CKOSEL[2:0] bits are 011b and
the CKOCR.CKODIV[2:0] bits are 000b) to output from CLKOUT, the above should be satisfied with an input duty cycle of 45 to
55%.
Note 2.
When the MOCO is selected as the clock output source (the CKOCR.CKOSEL[2:0] bits are 001b), set the clock output division
ratio selection to be divided by 2 (the CKOCR.CKODIV[2:0] bits are 001b).
Figure 2.72
CLKOUT output timing
Table 2.45
CLKOUT timing
Item
Symbol
Min
Max
Unit*1
Test conditions
CLKOUT
CLKOUT pin output cycle*1
VCC = 2.7 V or above
tCcyc
62.5
-
ns
Figure 2.72
VCC = 1.8 V or above
125
-
VCC = 1.6 V or above
250
-
CLKOUT pin high pulse width*2
VCC = 2.7 V or above
tCH
15
-
ns
VCC = 1.8 V or above
30
-
VCC = 1.6 V or above
150
-
CLKOUT pin low pulse width*2
VCC = 2.7 V or above
tCL
15
-
ns
VCC = 1.8 V or above
30
-
VCC = 1.6 V or above
150
-
CLKOUT pin output rise time
VCC = 2.7 V or above
tCr
-12
ns
VCC = 1.8 V or above
-
25
VCC = 1.6 V or above
-
50
CLKOUT pin output fall time
VCC = 2.7 V or above
tCf
-12
ns
VCC = 1.8 V or above
-
25
VCC = 1.6 V or above
-
50
tCf
tCH
tCcyc
tCr
tCL
CLKOUT pin output
Test conditions: VOH = VCC × 0.7, VOL = VCC × 0.3, IOH = -1.0 mA, IOL = 1.0 mA, C = 30 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com