Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A7 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # S3A7
Description  32-bit ARM Cortex-M4 microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A7 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button S3A7 Datasheet HTML 25Page - Renesas Technology Corp S3A7 Datasheet HTML 26Page - Renesas Technology Corp S3A7 Datasheet HTML 27Page - Renesas Technology Corp S3A7 Datasheet HTML 28Page - Renesas Technology Corp S3A7 Datasheet HTML 29Page - Renesas Technology Corp S3A7 Datasheet HTML 30Page - Renesas Technology Corp S3A7 Datasheet HTML 31Page - Renesas Technology Corp S3A7 Datasheet HTML 32Page - Renesas Technology Corp S3A7 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 133 page
background image
R01DS0263EU0100 Rev.1.00
Page 29 of 130
Feb 23, 2016
S3A7
2. Electrical Characteristics
Note 1.
Use AVCC0 and VCC under the following conditions:
AVCC0 and VCC can be set individually within the operating range when VCC ≥ 2.0 V
AVCC0 = VCC when VCC < 2.0 V
Note 2.
When powering on the VCC and AVCC0 pins, power them on at the same time or the VCC pin first and then the AVCC0 pin.
Table 2.2
Recommended operating conditions
Item
Symbol
Value
Min
Typ
Max
Unit
Power supply voltages
VCC*1, *2
When USBFS is not
used
1.6
-
5.5
V
When USBFS is used
USB Regulator
Disable
VCC_USB
-
3.6
V
When USBFS is used
USB Regulator
Enable
VCC_USB
_LDO
-5.5
V
VSS
-0
-V
USB power supply voltages
VCC_USB
When USBFS is not
used
-VCC
-V
When USBFS is used
USB Regulator
Disable
(Input)
3.0
3.3
3.6
V
VCC_USB_LDO
When USBFS is not
used
-VCC
-V
When USBFS is used
USB Regulator
Enable
3.8
-
5.5
V
VSS_USB
-0
-V
VBATT power supply voltage
VBATT
When the battery
backup function is not
used
-VCC
-V
When the battery
backup function is
used
1.6
-
3.6
V
Analog power supply voltages
AVCC0*1, *2
1.6
-
5.5
V
AVSS0
-
0
-
V
VREFH0
When used as
ADC14 Reference
1.6
-
AVCC0
V
VREFL0
-
0
-
V
VREFH
When used as
DAC12 Reference
1.6
-
AVCC0
V
VREFL
-
0
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com