Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5D9 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # S5D9
Description  Microcontroller
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S5D9 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button S5D9 Datasheet HTML 35Page - Renesas Technology Corp S5D9 Datasheet HTML 36Page - Renesas Technology Corp S5D9 Datasheet HTML 37Page - Renesas Technology Corp S5D9 Datasheet HTML 38Page - Renesas Technology Corp S5D9 Datasheet HTML 39Page - Renesas Technology Corp S5D9 Datasheet HTML 40Page - Renesas Technology Corp S5D9 Datasheet HTML 41Page - Renesas Technology Corp S5D9 Datasheet HTML 42Page - Renesas Technology Corp S5D9 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 115 page
background image
R01DS0303EU0100 Rev.1.00
Page 39 of 115
Nov 3, 2016
S5D9
2. Electrical Characteristics
Note 1.
When setting up the main clock oscillator, ask the oscillator manufacturer for an oscillation evaluation and use the results as the
recommended oscillation stabilization time. Set the MOSCWTCR register to a value equal to or greater than the recommended
value.
After changing the setting in the MOSCCR.MOSTP bit to start main clock operation, read the OSCSF.MOSCSF flag to confirm
that it is 1, and then start using the main clock oscillator.
Note 2.
This is the time from release from reset state until the HOCO oscillation frequency (fHOCO) reaches the range for guaranteed
operation.
Note:
When setting up the sub-clock oscillator, ask the oscillator manufacturer for an oscillation evaluation and use the results as the
recommended oscillation stabilization time.
After changing the setting in the SOSCCR.SOSTP bit to start sub-clock operation, only start using the sub-clock oscillator after
the sub-clock oscillation stabilization time elapses with an adequate margin. Two times the value shown is recommended.
EXTAL external clock input cycle time
tEXcyc
41.66
-
-
ns
Figure 2.4
EXTAL external clock input high pulse width
tEXH
15.83
-
-
ns
EXTAL external clock input low pulse width
tEXL
15.83
-
-
ns
EXTAL external clock rise time
tEXr
--
5.0
ns
EXTAL external clock fall time
tEXf
--
5.0
ns
Main clock oscillator frequency
fMAIN
8-
24
MHz
-
Main clock oscillation stabilization wait time
(crystal) *1
tMAINOSCWT
--
-*1
ms
Figure 2.5
LOCO clock oscillation frequency
fLOCO
27.8528
32.768
37.6832
kHz
-
LOCO clock oscillation stabilization wait time
tLOCOWT
-
-
60.4
μ
s
Figure 2.6
ILOCO clock oscillation frequency
fILOCO
12.75
15
17.25
kHz
-
MOCO clock oscillation frequency
FMOCO
6.8
8
9.2
MHz
-
MOCO clock oscillation stabilization wait time
tMOCOWT
-
-
15.0
μ
s-
HOCO clock oscillator
oscillation frequency
Without FLL*2
fHOCO16
15.78
16
16.22
MHz
–20 ≤ Ta ≤ 105°C
fHOCO18
17.75
18
18.25
fHOCO20
19.72
20
20.28
fHOCO16
15.71
16
16.29
–40 ≤ Ta ≤ –20°C
fHOCO18
17.68
18
18.32
fHOCO20
19.64
20
20.36
With FLL
fHOCO16
15.955
16
16.045
–40 ≤ Ta ≤ –105°C
Sub-clock
frequency accuracy
is ±50 ppm.
fHOCO18
17.949
18
18.051
fHOCO20
19.944
20
20.056
HOCO clock oscillation stabilization wait time
tHOCOWT
-
-
64.7
μ
s-
FLL stabilization wait time
tFLLWT
--
1.8
ms
-
PLL clock frequency
fPLL
120
-
240
MHz
-
PLL clock oscillation stabilization wait time
tPLLWT
-
-
174.9
μ
s
Figure 2.7
Table 2.14
Clock timing for the sub-clock oscillator
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Sub-clock frequency
fSUB
-
32.768
-
kHz
-
Sub-clock oscillation stabilization wait time
tSUBOSCWT
--
-*Note:
s-
Table 2.13
Clock timing except for sub-clock oscillator (2 of 2)
Item
Symbol
Min
Typ
Max
Unit
Test conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com