Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5D9 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # S5D9
Description  Microcontroller
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S5D9 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button S5D9 Datasheet HTML 87Page - Renesas Technology Corp S5D9 Datasheet HTML 88Page - Renesas Technology Corp S5D9 Datasheet HTML 89Page - Renesas Technology Corp S5D9 Datasheet HTML 90Page - Renesas Technology Corp S5D9 Datasheet HTML 91Page - Renesas Technology Corp S5D9 Datasheet HTML 92Page - Renesas Technology Corp S5D9 Datasheet HTML 93Page - Renesas Technology Corp S5D9 Datasheet HTML 94Page - Renesas Technology Corp S5D9 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 115 page
background image
R01DS0303EU0100 Rev.1.00
Page 91 of 115
Nov 3, 2016
S5D9
2. Electrical Characteristics
Note:
These specification values apply when there is no access to the external bus during A/D conversion. If access occurs during
A/D conversion, values might not fall within the indicated ranges.
The use of pins AN000 to AN007 as digital outputs is not allowed when the 12-Bit A/D converter is used.
The characteristics apply when AVCC0, AVSS0, VREFH0/VREFH, VREFL0, VREFL, and 12-bit A/D converter input voltage is
stable.
Note 1.
The conversion time includes the sampling and comparison times. The number of sampling states is indicated for the test
conditions.
Note 2.
Values in parentheses indicate the sampling time.
High-precision
channels
(AN003 to AN007)
Conversion time*1
(operation at
PCLKC = 60 MHz)
Permissible signal
source impedance
Max. = 1 kΩ
0.48 (0.267)*2
--
μs
Sampling in 16 states
Max. = 400 Ω
0.40 (0.183)*2
--
μs
Sampling in 11 states
VCC = AVCC0 = 3.0 to 3.6 V
3.0 V ≤ VREFH0 ≤ AVCC0
Offset error
-
±1.0
±2.5
LSB
-
Full-scale error
-
±1.0
±2.5
LSB
-
Absolute accuracy
-
±2.0
±4.5
LSB
-
DNL differential nonlinearity error
-
±0.5
±1.5
LSB
-
INL integral nonlinearity error
-
±1.0
±2.5
LSB
-
Normal-precision
channels
(AN016 to AN020)
Conversion time*1
(Operation at
PCLKC = 60 MHz)
Permissible signal
source impedance
Max. = 1 kΩ
0.88 (0.667)*2
--
μs
Sampling in 40 states
Offset error
-
±1.0
±5.5
LSB
-
Full-scale error
-
±1.0
±5.5
LSB
-
Absolute accuracy
-
±2.0
±7.5
LSB
-
DNL differential nonlinearity error
-
±0.5
±4.5
LSB
-
INL integral nonlinearity error
-
±1.0
±5.5
LSB
-
Table 2.41
A/D conversion characteristics for unit 1 (1 of 2)
Conditions: PCLKC = 1 to 60 MHz
Item
Min
Typ
Max
Unit
Test conditions
Frequency
1
-
60
MHz
-
Analog input capacitance
-
-
30
pF
-
Quantization error
-
±0.5
-
LSB
-
Resolution
-
-
12
Bits
-
Channel-dedicated
sample-and-hold
circuits in use
(AN100 to AN102)
Conversion time*1
(operation at
PCLKC = 60 MHz)
Permissible signal
source impedance
Max. = 1 kΩ
1.06
(0.4 + 0.25)*2
--
μs
 Sampling of channel-
dedicated sample-and-hold
circuits in 24 states
 Sampling in 15 states
Offset error
-
±1.5
±3.5
LSB
AN100 to AN102 = 0.25 V
Full-scale error
-
±1.5
±3.5
LSB
AN100 to AN102 =
VREFH - 0.25 V
Absolute accuracy
-
±2.5
±5.5
LSB
-
DNL differential nonlinearity error
-
±1.0
±2.0
LSB
-
INL integral nonlinearity error
-
±1.5
±3.0
LSB
-
Holding characteristics of sample-and hold
circuits
--
20
μs-
Dynamic range
0.25
-
VREFH -
0.25
V-
Table 2.40
A/D conversion characteristics for unit 0 (2 of 2)
Conditions: PCLKC = 1 to 60 MHz
Item
Min
Typ
Max
Unit
Test conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com