Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5D9 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # S5D9
Description  Microcontroller
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S5D9 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button S5D9 Datasheet HTML 9Page - Renesas Technology Corp S5D9 Datasheet HTML 10Page - Renesas Technology Corp S5D9 Datasheet HTML 11Page - Renesas Technology Corp S5D9 Datasheet HTML 12Page - Renesas Technology Corp S5D9 Datasheet HTML 13Page - Renesas Technology Corp S5D9 Datasheet HTML 14Page - Renesas Technology Corp S5D9 Datasheet HTML 15Page - Renesas Technology Corp S5D9 Datasheet HTML 16Page - Renesas Technology Corp S5D9 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 115 page
background image
R01DS0303EU0100 Rev.1.00
Page 13 of 115
Nov 3, 2016
S5D9
1. Overview
1.3
Part Numbering
Figure 1.2
Part numbering scheme
Table 1.14
List of Products
Part Number
Orderable Part Number
Package
Code
flash
Data
flash
SRAM
Operating
Temperature
R7FS5D97E2A01CBG
R7FS5D97E2A01CBG#AC0
PLBG0176GE-A
2 MB
64 KB
640 KB
-40 to +85°C
R7FS5D97E3A01CFC
R7FS5D97E3A01CFC#AA0
PLQP0176KB-A
-40 to +105°C
R7FS5D97E2A01CLK
R7FS5D97E2A01CLK#AC0
PTLG0145KA-A
-40 to +85°C
R7FS5D97E3A01CFB
R7FS5D97E3A01CFB#AA0
PLQP0144KA-B
-40 to +105°C
R7FS5D97E3A01CFP
R7FS5D97E3A01CFP#AA0
PLQP0100KB-B
-40 to +105°C
R7FS5D97C2A01CBG
R7FS5D97C2A01CBG#AC0
PLBG0176GE-A
1 MB
-40 to +85°C
R7FS5D97C3A01CFC
R7FS5D97C3A01CFC#AA0
PLQP0176KB-A
-40 to +105°C
R7FS5D97C2A01CLK
R7FS5D97C2A01CLK#AC0
PTLG0145KA-A
-40 to +85°C
R7FS5D97C3A01CFB
R7FS5D97C3A01CFB#AA0
PLQP0144KA-B
-40 to +105°C
R7FS5D97C3A01CFP
R7FS5D97C3A01CFP#AA0
PLQP0100KB-B
-40 to +105°C
R 7 F S 5 D 9 7
Package type
BG: BGA 176 pins
FC: LQFP 176 pins
FB: LQFP 144 pins
FP: LQFP 100 pins
LK: LGA 145 pins
Quality ID
Software ID
Operating temperature
2: -40°C to 85°C
3: -40°C to 105°C
Code flash memory size
C: 1 MB
E: 2 MB
Feature set
7: Superset
Group name
9: S5D9
Core
D: ARM Cortex-M4, 120 MHz
Series name
5: High integration
Renesas Synergy family
Flash memory
Renesas microcontroller unit
Renesas
E 2 A 0 1 C B G # A C 0
Packaging, Terminal material (Pb-free)
#AA: Tray/Sn (Tin) only
#AC: Tray/others
Production identification code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com