Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R62 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT46R62
Description  52-pin LQFP竊?6-pin SSOP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R62 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT46R62_13 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R62_13 Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R62_13 Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R62_13 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R62_13 Datasheet HTML 46Page - Holtek Semiconductor Inc HT46R62_13 Datasheet HTML 47Page - Holtek Semiconductor Inc HT46R62_13 Datasheet HTML 48Page - Holtek Semiconductor Inc HT46R62_13 Datasheet HTML 49Page - Holtek Semiconductor Inc HT46R62_13 Datasheet HTML 50Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
HT46R62/HT46C62
Rev. 1.80
49
2013-10-30
56-pin SSOP (300mil) 外形尺寸
56
1
A
29
28
B
C
D
F
C'
H
E
G
符号
尺寸(单位:inch)
最小
正常
最大
A
0.395
—
0.420
B
0.291
0.295
0.299
C
0.008
—
0.014
C’
0.720
0.725
0.730
D
0.095
0.102
0.110
E
—
0.025 BSC
—
F
0.008
0.012
0.016
G
0.020
—
0.040
H
0.005
—
0.010
α
0°
—
8°
符号
尺寸(单位:mm)
最小
正常
最大
A
10.03
—
10.67
B
7.39
7.49
7.59
C
0.20
—
0.34
C’
18.29
18.42
18.54
D
2.41
2.59
2.79
E
—
0.64 BSC
—
F
0.20
0.30
0.41
G
0.51
—
1.02
H
0.13
—
0.25
α
0°
—
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com