Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R62 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT46R62
Description  52-pin LQFP竊?6-pin SSOP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R62 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT46R62_13 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R62_13 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R62_13 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R62_13 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R62_13 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R62_13 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R62_13 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R62_13 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R62_13 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
HT46R62/HT46C62
Rev. 1.80
21
2013-10-31
PWM
HT46x62 有 3 个通道(6+2)/(7+1)位的 PWM 输出(由配置选项决定),与 PD0/PD1/PD2 共用引脚。
每个 PWM 通道都由相应的数据寄存器 PWM0(1AH)、PWM1(1BH)和 PWM2(1CH)来控制输出。PWM
计数器的时钟来源为系统时钟(f
SYS )。PWM 有 3 个 8 位寄存器。PWM 的输出波形如图所示。一旦
PD0/PD1/PD2 选择为 PWM 输出,并且 PD0/PD1/PD2 为输出模式(PDC.0/PDC.1/PDC.2=“0”),则
向 PD0/PD1/PD2 寄存器写“1”能够产生 PWM 输出,向 PD0/PD1/PD2 寄存器写“0”会使 PD0/PD1/PD2
输出保持为“0”。
fSYS/2
PWM
[PWM] =100
[PWM] =101
PWM
[PWM] =102
PWM
[PWM] =103
PWM
PWM cycle : 256/fSYS
25/64
26/64
26/64
26/64
25/64
25/64
25/64
25/64
25/64
25/64
25/64
26/64
26/64
25/64
25/64
26/64
25/64
26/64
26/64
26/64
Modulation cycle 0
PWM modulation period : 64/fSYS
Modulation cycle 1
Modulation cycle 2
Modulation cycle 3
Modulation cycle 0
(6+2)位模式 PWM
在(6+2)位 PWM 模式中,一个 PWM 周期被分为四个调制周期(调制周期 0~调制周期 3),每个
调制周期有 64 个 PWM 输入时钟。在(6+2)位 PWM 模式中,PWM 寄存器被分为 2 个部分。第一部
分是直流分量,由 PWM.7~PWM.2 控制;第二部分是交流分量,由 PWM.1~PWM.0 控制。
在(6+2)位 PWM 模式中,每个调制周期的占空比见下表:
参数
AC(0~3)
占空比
调制周期 i
(i=0~3)
i<AC
64
1
DC 
i≥AC
64
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com