Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM81C17 Datasheet(PDF) 13 Page - SMSC Corporation

Part # COM81C17
Description  TWENTY PIN UART (TPUART)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM81C17 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button COM81C17 Datasheet HTML 9Page - SMSC Corporation COM81C17 Datasheet HTML 10Page - SMSC Corporation COM81C17 Datasheet HTML 11Page - SMSC Corporation COM81C17 Datasheet HTML 12Page - SMSC Corporation COM81C17 Datasheet HTML 13Page - SMSC Corporation COM81C17 Datasheet HTML 14Page - SMSC Corporation COM81C17 Datasheet HTML 15Page - SMSC Corporation COM81C17 Datasheet HTML 16Page - SMSC Corporation COM81C17 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
Table 9 - AC CHARACTERISTICS
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
AC CHARACTERISTICS
WRITE CYCLE
t1
t2
t3
t4
t5
nCS, RS to nWR
↓ setup time
nCS, RS hold time to nWR
↑
nWR pulse width
Data BUS in setup time to nWR
↑
Data BUS in hold time to nWR
↑
50
0
100
75
10
ns
ns
ns
ns
ns
READ CYCLE
t6
t7
t8
t9
t10
nCS, RS to nWR
↓ setup time
nCS, RS hold time to nWR
↑
nWR pulse width
Data BUS in setup time to nWR
↑
Data BUS in hold time to nWR
↑
50
0
100
0
0
60
60
ns
ns
ns
ns @50pf max
ns @50pf max
GENERAL TIMING
t11
t12
t13
t14
t15
Reset Pulse Width
nCP1 active to nINT
nWR rising edge to nCP2 change
CP1, CP2 pulse width
Read Write Interval
1.0
1.0
100
300
200
µs
µs @25pf
µs
µs
ns
nCP1, nCP2 data
Rise Time
Fall Time
30
30
ns @25pf
ns @25pf
CLOCK FREQUENCY
Rise Time
Fall Time
Internal Baud Rate Mode
External Baud Rate Mode
Duty Cycle
30
30
11.0
1.6
40/60
ns
ns
MHz
MHz
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com