Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM81C17 Datasheet(PDF) 4 Page - SMSC Corporation

Part # COM81C17
Description  TWENTY PIN UART (TPUART)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM81C17 Datasheet(HTML) 4 Page - SMSC Corporation

  COM81C17 Datasheet HTML 1Page - SMSC Corporation COM81C17 Datasheet HTML 2Page - SMSC Corporation COM81C17 Datasheet HTML 3Page - SMSC Corporation COM81C17 Datasheet HTML 4Page - SMSC Corporation COM81C17 Datasheet HTML 5Page - SMSC Corporation COM81C17 Datasheet HTML 6Page - SMSC Corporation COM81C17 Datasheet HTML 7Page - SMSC Corporation COM81C17 Datasheet HTML 8Page - SMSC Corporation COM81C17 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
FIGURE 2 – COM81C17 BLOCK DIAGRAM
FIGURE 2A – 5.0688 MHz CRYSTAL OSCILLATOR CIRCUIT
D0-D7
nCS
nRD
nWR
RS
DATA
BUS
TRANS
nINT
VCC
GND
MODE
REGISTER
BAUD
RATE
SELECT
REGISTER
TRANSMIT
BUFFER
TRANSMIT
SHIFT REGISTER
TRANSMIT
CONTROL
BAUD
RATE
GENERATOR
RECEIVE
CONTROL
RECEIVE
SHIFT REGISTER
RECEIVE
BUFFER
STATUS
REGISTER
TX
CLOCK
RX
READ
WRITE
DECODE
LOGIC
MASK
REGISTER
& LOGIC
CONTROL
REGISTER
1800 OHM
560 OHM
220 OHM
7404
7404
220 OHM
30 pF
5.0688 MHz
7404
7404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com