Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM81C17 Datasheet(PDF) 1 Page - SMSC Corporation

Part # COM81C17
Description  TWENTY PIN UART (TPUART)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM81C17 Datasheet(HTML) 1 Page - SMSC Corporation

  COM81C17 Datasheet HTML 1Page - SMSC Corporation COM81C17 Datasheet HTML 2Page - SMSC Corporation COM81C17 Datasheet HTML 3Page - SMSC Corporation COM81C17 Datasheet HTML 4Page - SMSC Corporation COM81C17 Datasheet HTML 5Page - SMSC Corporation COM81C17 Datasheet HTML 6Page - SMSC Corporation COM81C17 Datasheet HTML 7Page - SMSC Corporation COM81C17 Datasheet HTML 8Page - SMSC Corporation COM81C17 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
COM81C17
Twenty Pin UART (TPUART)
FEATURES
! Single Chip UART With Baud Rate
Generator
! Asynchronous Operation
-
16 Selectable Baud Rate Clock
Frequencies (Internal)
-
External 16x Clock (100 KBaud)
-
Character Length: 7 or 8 Bits
-
1 or 2 Stop Bit Selection
! Small 20 Pin DIP (300 mil) or PLCC
! Full or Half Duplex Operation
! Double Buffering of Data
! Programmable Interrupt Generation
! Programmable Modem/Terminal Signals
! Odd or Even Parity Generate and Detect
! Parity, Overrun and Framing Error Detection
! TTL Compatible Inputs and Outputs
! High Speed Host Bus Operation (with no
wait state)
! Low Power CMOS
! Single +5V Power Supply
GENERAL DESCRIPTION
The COM81C17 TPUART is an asynchronous
only
receiver/transmitter
with
a
built
in
programmable baud rate generator housed in a
twenty pin package.
The TPUART receives
serial data streams and converts them into
parallel data characters for the processor. While
receiving serial data, the TPUART will also
accept data characters from the processor in
parallel format and convert them into serial
format along with start, stop and optional parity
bus. The TPUART will signal the processor via
interrupt when it has completely transmitted or
received a character and requires service.
Complete status information is available to the
processor through the status register.
The
TPUART features two general purpose control
pins that can be individually programmed to
perform
as
terminal
or
modem
control
handshake signals.


Similar Part No. - COM81C17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
COM8116 ETC1-COM8116 Datasheet
136Kb / 2P
Dual Baud Rate Generator
COM8116T ETC1-COM8116T Datasheet
136Kb / 2P
Dual Baud Rate Generator
COM8136 ETC1-COM8136 Datasheet
136Kb / 2P
Dual Baud Rate Generator
COM8136T ETC1-COM8136T Datasheet
136Kb / 2P
Dual Baud Rate Generator
More results

Similar Description - COM81C17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5252 PHILIPS-SAA5252 Datasheet
203Kb / 20P
Line twenty-one acquisition and display LITOD
1996 Jul 18
logo
IMP, Inc
EI16C550 IMP-EI16C550 Datasheet
44Kb / 2P
FIFO UART
EI68C681 IMP-EI68C681 Datasheet
37Kb / 2P
DUAL UART
logo
Motorola, Inc
MCF5307TR MOTOROLA-MCF5307TR Datasheet
53Kb / 16P
UART MODULE
logo
RF Monolithics, Inc
IC1003 RFM-IC1003 Datasheet
572Kb / 11P
RF Uart
logo
Exar Corporation
XRT59L921 EXAR-XRT59L921 Datasheet
770Kb / 32P
TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
logo
Actel Corporation
MC-ACT-UARTF ACTEL-MC-ACT-UARTF Datasheet
136Kb / 6P
FastUART
logo
A1 PROs co., Ltd.
EI68C681 A1PROS-EI68C681 Datasheet
44Kb / 2P
DUAL UART
logo
Vishay Siliconix
028-1-11 VISHAY-028-1-11 Datasheet
67Kb / 2P
28 mm Diameter Twenty-One Turn Dial
10-Jul-12
logo
Infineon Technologies A...
TLE9015QU INFINEON-TLE9015QU Datasheet
277Kb / 5P
BMS Transceiver IC - UART toiso UART
2020-05-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com