Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM81C17 Datasheet(PDF) 5 Page - SMSC Corporation

Part # COM81C17
Description  TWENTY PIN UART (TPUART)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM81C17 Datasheet(HTML) 5 Page - SMSC Corporation

  COM81C17 Datasheet HTML 1Page - SMSC Corporation COM81C17 Datasheet HTML 2Page - SMSC Corporation COM81C17 Datasheet HTML 3Page - SMSC Corporation COM81C17 Datasheet HTML 4Page - SMSC Corporation COM81C17 Datasheet HTML 5Page - SMSC Corporation COM81C17 Datasheet HTML 6Page - SMSC Corporation COM81C17 Datasheet HTML 7Page - SMSC Corporation COM81C17 Datasheet HTML 8Page - SMSC Corporation COM81C17 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
DESCRIPTION OF PIN FUNCTIONS
DIP PIN NO.
NAME
SYMBOL
DESCRIPTION
1, 2, 5-7,
9,11-12
DATA BUS
D0-D7
An 8-bit bi-driectional DATA BUS is used to
interface the TPUART to the processor Data Bus.
3
CHIP SELECT
nCS
A low level on this input enables the TPUART for
reading and writing to the processor. When nCS is
high, the DATA BUS is in high impedance and the
nWR and nRD will have no effect on the chip.
4
READ DATA
STROBE
nRD
A low pulse on this input (when nCS is low) enables
the TPUART to place the data or the status
information on the DATA BUS.
8
WRITE DATA
STROBE
nWR
A low pulse on this input (when nCS is low) enables
the TPUART to accept the data or control word
from the DATA BUS into the TPUART.
10
GROUND
GND
Power Supply Return.
13
CLOCK
CLK
External TTL Clock Input (See Table 2)
14
INTERRUPT
REQUEST
nINT
An interrupt request is asserted by the TPUART
when an enabled condition has occurred in the
Status Register. This is an active low, open drain
output. This pin has an internal pullup register.
15
REGISTER
SELECT
RS
During processor to TPUART communications, this
input is used to indicate which internal register will
be selected for access by the processor. When this
input is low, data can be written to the TX Holding
Buffer or data can be read from the RX Holding
Register. When this input is high control words can
be written to the Control Register or status
information can be read from the Status Register.
16
RECEIVER DATA
RX
This input is the receiver serial data. A high to low
transition is required to initiate data reception.
17
TRANSMITTER
DATA
TX
This output is the transmitted serial data from the
TPUART. When a transmission is concluded, the
TX line will always return to the mark (High) state.
18
CONTROL PIN 1
nCP1
This control pin is an input only pin.
It can be
programmed to perform the functions of CTS or
DSR/DCD.
19
CONTROL PIN 2
nCP2
This control pin can be programmed to be either an
input or an output. When in input mode, this pin
can perform the functions of DSR/DCD. When in
output mode, this pin can perform the functions of
DTR or RTS.
20
POWER SUPPLY
VCC
+5V Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com