Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8521 Datasheet(PDF) 12 Page - Cirrus Logic

Part # WM8521
Description  Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8521 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button WM8521 Datasheet HTML 8Page - Cirrus Logic WM8521 Datasheet HTML 9Page - Cirrus Logic WM8521 Datasheet HTML 10Page - Cirrus Logic WM8521 Datasheet HTML 11Page - Cirrus Logic WM8521 Datasheet HTML 12Page - Cirrus Logic WM8521 Datasheet HTML 13Page - Cirrus Logic WM8521 Datasheet HTML 14Page - Cirrus Logic WM8521 Datasheet HTML 15Page - Cirrus Logic WM8521 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
WM8521
Production Data
w
PD, Rev 4.2, February 2013
12
RIGHT CHANNEL
LEFT CHANNEL
LRCLK
BCLK
DIN
1/fs
MSB
12
15 16
LSB
12
15 16
MSB
1
Max 4 BCLKs
NO VALID DATA
Input Word Length (16 bits)
Figure 5 DSP Timing Mode B
RIGHT CHANNEL
LEFT CHANNEL
LRCLK
BCLK
DIN
1/fs
MSB
12
15 16
LSB
12
15 16
Max 4 BCLKs
NO VALID DATA
Input Word Length (16 bits)
1 BCLK
1 BCLK
Figure 6 DSP Timing Mode A
AUDIO DATA SAMPLING RATES
The master clock for WM8521 supports audio sampling rates from 256fs to 768fs, where fs is the
audio sampling frequency (LRCLK) typically 32kHz, 44.1kHz, 48kHz, 96kHz or 192kHz. The master
clock is used to operate the digital filters and the noise shaping circuits.
The WM8521 has a master clock detection circuit that automatically determines the relationship
between the master clock frequency and the sampling rate (to within +/- 32 master clocks). If there is
a greater than 32 clocks error, the master clock defaults to 768fs. The master clock should be
synchronised with LRCLK, although the WM8521 is tolerant of phase differences or jitter on this
clock.
SAMPLING
RATE
(LRCLK)
MASTER CLOCK FREQUENCY (MHz) (MCLK)
128fs
192fs
256fs
384fs
512fs
768fs
32kHz
4.096
6.144
8.192
12.288
16.384
24.576
44.1kHz
5.6448
8.467
11.2896
16.9344
22.5792
33.8688
48kHz
6.144
9.216
12.288
18.432
24.576
36.864
96kHz
12.288
18.432
24.576
36.864
Unavailable
Unavailable
192kHz
24.576
36.864
Unavailable
Unavailable
Unavailable
Unavailable
Table 1 Master Clock Frequencies Versus Sampling Rate
Note:
For sample rates down to 8k, scale MCLK accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com