Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8521 Datasheet(PDF) 18 Page - Cirrus Logic

Part # WM8521
Description  Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8521 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button WM8521 Datasheet HTML 13Page - Cirrus Logic WM8521 Datasheet HTML 14Page - Cirrus Logic WM8521 Datasheet HTML 15Page - Cirrus Logic WM8521 Datasheet HTML 16Page - Cirrus Logic WM8521 Datasheet HTML 17Page - Cirrus Logic WM8521 Datasheet HTML 18Page - Cirrus Logic WM8521 Datasheet HTML 19Page - Cirrus Logic WM8521 Datasheet HTML 20Page - Cirrus Logic WM8521 Datasheet HTML 21Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
WM8521
Production Data
w
PD, Rev 4.2, February 2013
18
RECOMMENDED ANALOGUE LOW PASS FILTER
Figure 19 Recommended 1st Order Low Pass Filter
Note: Capacitors should be COG dielectric.
An external single pole RC filter is recommended (see Figure 19) if the device is driving a wideband
amplifier. However the WM8521 does contain an internal low pass filter which should be adequate in
most applications.
PCB LAYOUT RECOMMENDATIONS
Care should be taken in the layout of the PCB that the WM8521 is to be mounted to. The following
notes will help in this respect:
The VDD supply to the device should be as noise free as possible. This can be accomplished to
a large degree with a 10uF bulk capacitor placed locally to the device and a 0.1uF high frequency
decoupling capacitor placed as close to the VDD pin as possible. It is best to place the 0.1uF
capacitor directly between the VDD and GND pins of the device on the same layer to minimize track
inductance and thus improve device decoupling effectiveness.
The CAP pin should be as noise free as possible. This pin provides the decoupling for the on chip
reference circuits and thus any noise present on this pin will be directly coupled to the device
outputs. In a similar manner to the VDD decoupling described above, this pin should be decoupled
with a 10uF bulk capacitor local to the device and a 0.1uF capacitor as close to the CAP pin as
possible.
Separate analogue and digital track routing from each other. The device is split into analogue
(pins 5 – 10) and digital (pins 1 – 4 & pins 11 – 14) sections that allow the routing of these signals to
be easily separated. By physically separating analogue and digital signals, crosstalk from the PCB
can be minimized.
Use an unbroken solid GND plane.
To achieve best performance from the device, it is advisable
to have either a GND plane layer on a multilayer PCB or to dedicate one side of a 2 layer PCB to be a
GND plane. For double sided implementations it is best to route as many signals as possible on the
device mounted side of the board, with the opposite side acting as a GND plane. The use of a GND
plane greatly reduces any electrical emissions from the PCB and minimizes crosstalk between
signals.
An evaluation board is available for the WM8521 that demonstrates the above techniques and the
excellent performance achievable from the device. This can be ordered or the User manual
downloaded from the Wolfson web site at www.wolfsonmicro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com