Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8521 Datasheet(PDF) 4 Page - Cirrus Logic

Part # WM8521
Description  Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8521 Datasheet(HTML) 4 Page - Cirrus Logic

  WM8521 Datasheet HTML 1Page - Cirrus Logic WM8521 Datasheet HTML 2Page - Cirrus Logic WM8521 Datasheet HTML 3Page - Cirrus Logic WM8521 Datasheet HTML 4Page - Cirrus Logic WM8521 Datasheet HTML 5Page - Cirrus Logic WM8521 Datasheet HTML 6Page - Cirrus Logic WM8521 Datasheet HTML 7Page - Cirrus Logic WM8521 Datasheet HTML 8Page - Cirrus Logic WM8521 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
WM8521
Production Data
w
PD, Rev 4.2, February 2013
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
DGND
Supply
Digital Negative supply
2
LRCLK
Digital input
Sample rate clock input
3
DIN
Digital input
Serial audio data input
4
BCLK
Digital input
Bit clock input
5
MUTE
Digital input
Soft mute control, Internal pull down
High Impedance = Automute
High = Mute ON
Low = Mute OFF
6
VOUTR
Analogue output
Right channel DAC output
7
AGND
Supply
Analogue Negative supply
8
CAP
Analogue output
Analogue internal reference
9
AVDD
Supply
Analogue Positive supply
10
VOUTL
Analogue output
Left channel DAC output
11
DEEMPH
Digital input
De-emphasis select, Internal pull down
High = de-emphasis ON
Low = de-emphasis OFF
12
FORMAT
Digital input
Data input format select, Internal pull up
Low = 16-bit right justified or 16bit DSP ‘Mode A’
High = 16-32-bit I
2S or 16bit DSP ‘Mode B’
13
MCLK
Digital input
Master clock input
14
DVDD
Supply
Digital Positive supply
Note:
1.
Digital input pins have Schmitt trigger input buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com