Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8521 Datasheet(PDF) 3 Page - Cirrus Logic

Part # WM8521
Description  Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8521 Datasheet(HTML) 3 Page - Cirrus Logic

  WM8521 Datasheet HTML 1Page - Cirrus Logic WM8521 Datasheet HTML 2Page - Cirrus Logic WM8521 Datasheet HTML 3Page - Cirrus Logic WM8521 Datasheet HTML 4Page - Cirrus Logic WM8521 Datasheet HTML 5Page - Cirrus Logic WM8521 Datasheet HTML 6Page - Cirrus Logic WM8521 Datasheet HTML 7Page - Cirrus Logic WM8521 Datasheet HTML 8Page - Cirrus Logic WM8521 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Production Data
WM8521
w
PD, Rev 4.2, February 2013
3
PIN CONFIGURATION
ORDERING INFORMATION
DEVICE
TEMPERATURE
RANGE
PACKAGE
MOISTURE SENSITIVITY
LEVEL
PEAK SOLDERING
TEMPERATURE
WM8521CHCGED
-25 to +85
oC
14-lead SOIC
(Pb- free)
MSL1
260
oC
WM8521CHCGED/R
-25 to +85
oC
14-lead SOIC
(Pb-free, tape and reel)
MSL1
260
oC
WM8521CH9GED
-25 to +85
oC
14-lead SOIC
(Pb-free)
MSL1
260
oC
WM8521CH9GED/R
-25 to +85
oC
14-lead SOIC
(Pb-free, tape and reel)
MSL1
260
oC
Note:
1.
Reel quantity = 3,000
2.
WM8521H9: 2Vrms output at 9V supply
3.
WM8521HC: 2Vrms output at 12V supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com