Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9410/PCB Datasheet(PDF) 5 Page - Analog Devices

Part # AD9410/PCB
Description  10-Bit, 210 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9410/PCB Datasheet(HTML) 5 Page - Analog Devices

  AD9410/PCB Datasheet HTML 1Page - Analog Devices AD9410/PCB Datasheet HTML 2Page - Analog Devices AD9410/PCB Datasheet HTML 3Page - Analog Devices AD9410/PCB Datasheet HTML 4Page - Analog Devices AD9410/PCB Datasheet HTML 5Page - Analog Devices AD9410/PCB Datasheet HTML 6Page - Analog Devices AD9410/PCB Datasheet HTML 7Page - Analog Devices AD9410/PCB Datasheet HTML 8Page - Analog Devices AD9410/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
AD9410
–5–
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD9410BSQ
–40
°C to +85°C
PowerQuad 2
SQ-80
AD9410/PCB
25
°C
Evaluation Board
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9410 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
EXPLANATION OF TEST LEVELS
Test Level
I.
100% production tested.
II.
100% production tested at 25
°C and sample tested at
specified temperatures.
III. Sample tested only.
IV. Parameter is guaranteed by design and characterization
testing.
V.
Parameter is a typical value only.
VI. 100% production tested at 25
°C; guaranteed by design and
characterization testing for industrial temperature range.
ABSOLUTE MAXIMUM RATINGS
1
VD, VCC, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
Analog Inputs . . . . . . . . . . . . . . . . . . . . . 0 V to VCC + 0.5 V
Digital Inputs . . . . . . . . . . . . . . . . . . . . . 0 V to VDD + 0.5 V
VREF IN . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to VD + 0.5 V
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Operating Temperature . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature
2 . . . . . . . . . . . . . . . . 150
°C
NOTES
1Absolute maximum ratings are limiting values to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional
operability is not necessarily implied. Exposure to absolute maximum rating
conditions for an extended period of time may affect device reliability. Stresses
above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only; functional operation of the device
at these or any other conditions outside of those indicated in the operation sections
of this specification is not implied.
2Typical
θ
JA = 22
°C/W (heat slug not soldered), typical θ
JA = 16
°C/W (heat slug
soldered), for multilayer board in still air with solid ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com