Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9410/PCB Datasheet(PDF) 10 Page - Analog Devices

Part # AD9410/PCB
Description  10-Bit, 210 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9410/PCB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9410/PCB Datasheet HTML 6Page - Analog Devices AD9410/PCB Datasheet HTML 7Page - Analog Devices AD9410/PCB Datasheet HTML 8Page - Analog Devices AD9410/PCB Datasheet HTML 9Page - Analog Devices AD9410/PCB Datasheet HTML 10Page - Analog Devices AD9410/PCB Datasheet HTML 11Page - Analog Devices AD9410/PCB Datasheet HTML 12Page - Analog Devices AD9410/PCB Datasheet HTML 13Page - Analog Devices AD9410/PCB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. 0
AD9410
–10–
MHz
0
0
–20
–40
–60
–80
–100
–120
105
ENCODE = 210MSPS
AIN = 40MHz @ –0.5dBFS
SNR = 54.5dB
SINAD = 53.5dB
TPC 1. Single Tone at 40 MHz, Encode = 210 MSPS
MHz
0
0
–20
–40
–60
–80
–100
–120
105
ENCODE = 210MSPS
AIN = 100MHz @ –0.5dBFS
SNR = 53.5dB
SINAD = 52.5dB
TPC 2. Single Tone at 100 MHz, Encode = 210 MSPS
MHz
0
0
–20
–40
–60
–80
–100
–120
105
ENCODE = 210MSPS
AIN = 160MHz @ –0.5dBFS
SNR = 53dB
SINAD = 52dB
TPC 3. Single Tone at 160 MHz, Encode = 210 MSPS
–Typical Performance Characteristics
AIN – MHz
51
0
50
49
48
47
46
45
50
100
150
200
250
53
55
SNR
SINAD
52
54
TPC 4. SNR/SINAD vs. AIN Encode = 210 MSPS
MHz
53.0
100
52.5
52.0
51.5
51.0
50.5
50.0
120
140
160
200
240
54.0
55.0
SNR
SINAD
53.5
54.5
180
220
TPC 5. SNR/SINAD vs. FS AIN = 70 MHz
ns
40
0
35
30
0.5
1.0
1.5
2.5
4.0
55
60
50
2.0
3.5
45
3.0
SINAD
SNR
TPC 6. SNR/SINAD vs. Encode Positive Pulsewidth
(FS = 210 MSPS, AIN = 70 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com