Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9410/PCB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9410/PCB
Description  10-Bit, 210 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9410/PCB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9410/PCB Datasheet HTML 11Page - Analog Devices AD9410/PCB Datasheet HTML 12Page - Analog Devices AD9410/PCB Datasheet HTML 13Page - Analog Devices AD9410/PCB Datasheet HTML 14Page - Analog Devices AD9410/PCB Datasheet HTML 15Page - Analog Devices AD9410/PCB Datasheet HTML 16Page - Analog Devices AD9410/PCB Datasheet HTML 17Page - Analog Devices AD9410/PCB Datasheet HTML 18Page - Analog Devices AD9410/PCB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
REV. 0
AD9410
–15–
DAOR
DA7
DA8
DA5
GND
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
GND
DA6
DA9
C14
0.1 F
GND
3.3VA
GND
C11
0.1 F
3.3VA
3.3VA
C10
0.1 F
GND
3.3VA
GND
R3
100
GND
E14
5V
R24
100
R7
100
GND
E12
E16
5V
R4
2.5k
E10
GND
R6
100
VDD
E11
E7
DBOR
GND
DCOC
DCOT
GND
DB9
DB6
DB7
DA0
DA1
DA2
DA3
DA4
GND
VDD
DB8
VDD
VDD
C21
0.1 F
GND
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
VDD
DB5
DB6
DB7
DB8
DB9
ORB
VDD
DGND
DCO
DCO
DGND
VDD
DA0
DA1
DA2
DA3
DA4
DGND
VDD
C12
0.1 F
GND
C22
0.1 F
GND
VDD
C18
0.1 F
DB5
GND
GND
DB0
DB1
DB2
DB4
GND
GND
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
VDD
C19
0.1 F
3.3VA
3.3VA
GND
C15
0.1 F
GND
3.3VA
C16
0.1 F
GND
3.3VA
GND
R25X
50
GND
R26
50
J9X
J10X
GND
5V
GND
GND
ENCT
ENCC
GND
GND
GND
C27
0.1 F
E3
EXT
REF
E6
5V
C26
0.1 F
GND
E1
R27
50
1
T1
1 : 1
GND
J8
AIN
C7
0.1 F
GND
2
3
6
5
4
C25
0.1 F
GND
R23
50
GND
GND
GND
C24
0.1 F
GND
5V
GND
AD9410
U3
GND
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
C28
0.1 F
1
2
3
4
5
6
7
8
NC
D
D
VBB
VCC
Q
Q
VEE
U1
R14
8.2k
R9
24k
5V
R19
8.2k
R18
24k
C6
0.1 F
R8
50
GND
GND
J1
5V
GND
C40
0.1 F
GND
R15
330
GND
R11
330
ENCT
ENCC
C7
0.1 F
C8
0.1 F
GND
MC10EL16
GND GND
5V
P1
P5
P4
GND
VDD/3.3V
GND
GND
3.3VA
GND
5V
GND
VDAC
GND
EXT REF
GND
1
2
3
4
1
2
3
4
1
2
3
4
GND
C4
10 F
5V
3.3VA
VDD
EXT REF
VDAC
C5
10 F
C3
10 F
C2
10 F
C1
10 F
AGND
AGND
VCC
REFOUT
REFIN
DNC
VCC
AGND
AGND
AIN
AIN
AGND
AGND
VCC
VCC
AGND
AGND
ENCODE
ENCODE
AGND
NOTE:
R3, R6, R7, R24 OPTIONAL
(CAN BE ZERO
)
DB3
Figure 13a. PCB Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com