Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9410/PCB Datasheet(PDF) 9 Page - Analog Devices

Part # AD9410/PCB
Description  10-Bit, 210 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9410/PCB Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9410/PCB Datasheet HTML 5Page - Analog Devices AD9410/PCB Datasheet HTML 6Page - Analog Devices AD9410/PCB Datasheet HTML 7Page - Analog Devices AD9410/PCB Datasheet HTML 8Page - Analog Devices AD9410/PCB Datasheet HTML 9Page - Analog Devices AD9410/PCB Datasheet HTML 10Page - Analog Devices AD9410/PCB Datasheet HTML 11Page - Analog Devices AD9410/PCB Datasheet HTML 12Page - Analog Devices AD9410/PCB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. 0
AD9410
–9–
VCC
1.5k
AIN
2.25k
1.5k
2.25k
AIN
Figure 2. Equivalent Analog Input Circuit
VCC
VREFIN
Figure 3. Equivalent Reference Input Circuit
17k
VCC
17k
8k
8k
ENCODE
100
100
ENCODE
450
450
Figure 4 Equivalent Encode Input Circuit
VDD
DIGITAL
OUTPUT
Figure 5. Equivalent Digital Output Circuit
Table I. Output Coding (VREF = 2.5 V)
Digital Outputs
Digital Outputs
Step
AIN–AIN
Offset Binary
Two’s Complement
ORA, ORB
> 0.768
11 1111 1111
01 1111 1111
1
1023
0.768
11 1111 1111
01 1111 1111
0
••
••
513
0.0015
10 0000 0001
00 0000 0001
0
512
0.0
10 0000 0000
00 0000 0000
0
511
–0.0015
01 1111 1111
11 1111 1111
0
••
••
0
–0.768
00 0000 0000
10 0000 0000
0
< –0.768
00 0000 0000
10 0000 0000
1
VCC
VREFOUT
Figure 6. Equivalent Reference Output Circuit
100k
DFS
VCC
Figure 7. Equivalent DFS Input Circuit
7.5k
DS
300
17.5k
300
DS
VCC
Figure 8. Equivalent DS Input Circuit
7.5k
I/P
300
17.5k
VCC
Figure 9. Equivalent I/P Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com