Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49530X Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS49530X
Description  Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49530X Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS49530X Datasheet HTML 13Page - Cirrus Logic CS49530X Datasheet HTML 14Page - Cirrus Logic CS49530X Datasheet HTML 15Page - Cirrus Logic CS49530X Datasheet HTML 16Page - Cirrus Logic CS49530X Datasheet HTML 17Page - Cirrus Logic CS49530X Datasheet HTML 18Page - Cirrus Logic CS49530X Datasheet HTML 19Page - Cirrus Logic CS49530X Datasheet HTML 20Page - Cirrus Logic CS49530X Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
DS705F2
17
5.12 Switching Characteristics — Serial Control Port - I2C Slave Mode
Figure 5. Serial Control Port - I2C Slave Mode Timing
Parameter
Symbol
Min
Typical
Max
Units
SCP_CLK frequency1
1. The specification fiicck indicates the maximum speed of the hardware. The system designer should be aware that
the actual maximum speed of the communication port may be limited by the firmware application. Flow control
using the SCP_BSY pin should be implemented to prevent overflow of the input data buffer.
fiicck
—
—
400
kHz
SCP_CLK low time
tiicckl
1.25
—
—
µs
SCP_CLK high time
tiicckh
1.25
—
—
µs
SCP_SCK rising to SCP_SDA rising or falling for START or
STOP condition
tiicckcmd
1.25
—
—
µs
START condition to SCP_CLK falling
tiicstscl
1.25
—
—
µs
SCP_CLK falling to STOP condition
tiicstp
2.5
—
—
µs
Bus free time between STOP and START conditions
tiicbft
3—
—
µs
Setup time SCP_SDA input valid to SCP_CLK rising
tiicsu
100
—
—
ns
Hold time SCP_SDA input after SCP_CLK falling2
2. This parameter is measured from the ViL level at the falling edge of the clock.
tiich
0—
—
ns
SCP_CLK low to SCP_SDA out valid
tiicdov
——
18
ns
SCP_CLK falling to SCP_IRQ rising
tiicirqh
——
3*DCLKP + 40
ns
NAK condition to SCP_IRQ low
tiicirql
—3*DCLKP + 20
—
ns
SCP_CLK rising to SCB_BSY low
tiicbsyl
—3*DCLKP + 20
—
ns
SCP_BSY
SCP_CLK
SCP_SDA
SCP_IRQ
0
1
67
80
1
7
tiicckl
tiicckh
tiicsu
tiich
A6
A0
R/W
ACK
LSB
tiicirqh
tiicirql
8
ACK
MSB
tiicstp
6
tiiccbsyl
tiicdov
tiicbft
tiicstscl
tiicckcmd
fiicck
tiicckcmd
tiicf
tiicr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com