Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49530X Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS49530X
Description  Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49530X Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS49530X Datasheet HTML 29Page - Cirrus Logic CS49530X Datasheet HTML 30Page - Cirrus Logic CS49530X Datasheet HTML 31Page - Cirrus Logic CS49530X Datasheet HTML 32Page - Cirrus Logic CS49530X Datasheet HTML 33Page - Cirrus Logic CS49530X Datasheet HTML 34Page - Cirrus Logic CS49530X Datasheet HTML 35Page - Cirrus Logic CS49530X Datasheet HTML 36Page - Cirrus Logic CS49530X Datasheet HTML 37Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
DS705F2
36
PP8
April, 2011
Added Tj conditions to Section 5.2.
Changed 500 ma to 350 ma in Section 5.4.
Removed references to DSD.
Updated legal statement.
Updated features list.
Added notes to Section 5.10.
Updated Section 5.16 “Switching Characteristics — Digital Audio Slave Input Port”
on page 23
Updated Section 5.17 “Switching Characteristics — Digital Audio Output Port” on
page 24.
PP9
August, 2011
In section Section 5.9, added Max value of DCLK frequency value in
CS49530x-DVZ and CS49531x-DVZ to 130 MHz; added Min value of DCLK period
in CS49530x-DVZ and CS49531x-DVZ to 7.7 ns. Added notes to Section 5.10.
Updated Figure 14.
PP10
February, 2012
Updated trademark information throughout document and boilerplate. Updated max
Fdclk value for DVZ parts to 131 MHz and min DCLK value for DVZ parts to 7.63 ns
in Section 5.9. Updated tspickl and tspickh minimum values in Section 5.11. Added
tdaisstlr and tdaislrts to Section 5.16. Changed max spec of Tdaosdv in Section
5.17. Updated Tsddh minimum value in Section 5.18.
Revision
Date
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com