Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49530X Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS49530X
Description  Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49530X Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS49530X Datasheet HTML 15Page - Cirrus Logic CS49530X Datasheet HTML 16Page - Cirrus Logic CS49530X Datasheet HTML 17Page - Cirrus Logic CS49530X Datasheet HTML 18Page - Cirrus Logic CS49530X Datasheet HTML 19Page - Cirrus Logic CS49530X Datasheet HTML 20Page - Cirrus Logic CS49530X Datasheet HTML 21Page - Cirrus Logic CS49530X Datasheet HTML 22Page - Cirrus Logic CS49530X Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
DS705F2
19
5.14 Switching Characteristics — Parallel Control Port - Intel Slave Mode
Parameter
Symbol Min
Typical
Max
Unit
Address setup before PCP_CS and PCP_RD low or PCP_CS and
PCP_WR low
tias
5—
—
ns
Address hold time after PCP_CS and PCP_RD low or PCP_CS and
PCP_WR high
tiah
5—
—
ns
Read
Delay between PCP_RD then PCP_CS low or PCP_CS then
PCP_RD low
ticdr
0—
—
ns
Data valid after PCP_CS and PCP_RD low
tidd
—
—
18
ns
PCP_CS and PCP_RD low for read
tirpw
24
—
—
ns
Data hold time after PCP_CS or PCP_RD high
tidhr
8—
—
ns
Data high-Z after PCP_CS or PCP_RD high
tidis
—
—
18
ns
PCP_CS or PCP_RD high to PCP_CS and PCP_RD low for next
read1
1. The system designer should be aware that the actual maximum speed of the communication port may be limited by
the firmware application. Hardware handshaking on the PCP_BSY pin/bit should be observed to prevent
overflowing the input data buffer. AN288 CS4953xx /CS497xxx Firmware User’s Manual should be consulted for
the firmware speed limitations.
tird
30
—
—
ns
PCP_CS or PCP_RD high to PCP_CS and PCP_WR low for next
write1
tirdtw
30
—
—
ns
PCP_RD rising to PCP_IRQ rising
tirdirqhl
—
—
12
ns
Write
Delay between PCP_WR then PCP_CS low or PCP_CS then
PCP_WR low
ticdw
0—
—
ns
Data setup before PCP_CS or PCP_WR high
tidsu
8—
—
ns
PCP_CS and PCP_WR low for write
tiwpw
24
—
—
ns
Data hold after PCP_CS or PCP_WR high
tidhw
8—
—
ns
PCP_CS or PCP_WR high to PCP_CS and PCP_RD low for next
read1
tiwtrd
30
—
—
ns
PCP_CS or PCP_WR high to PCP_CS and PCP_WR low for next
write1
tiwd
30
—
—
ns
PCP_WR rising to PCP_BSY falling
tiwrbsyl
—2*DCLKP + 20
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com