Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49530X Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS49530X
Description  Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49530X Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS49530X Datasheet HTML 17Page - Cirrus Logic CS49530X Datasheet HTML 18Page - Cirrus Logic CS49530X Datasheet HTML 19Page - Cirrus Logic CS49530X Datasheet HTML 20Page - Cirrus Logic CS49530X Datasheet HTML 21Page - Cirrus Logic CS49530X Datasheet HTML 22Page - Cirrus Logic CS49530X Datasheet HTML 23Page - Cirrus Logic CS49530X Datasheet HTML 24Page - Cirrus Logic CS49530X Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
DS705F2
21
5.15 Switching Characteristics — Parallel Control Port - Motorola Slave Mode
Parameter
Symbol
Min
Typical
Max
Unit
Address setup before PCP_CS and PCP_DS low
tmas
5—
ns
Address hold time after PCP_CS and PCP_DS low
tmah
5—
ns
Read
Delay between PCP_DS then PCP_CS low or PCP_CS then
PCP_DS# low
tmcdr
0—
ns
Data valid after PCP_CS and PCP_DS low with PCP_R/W high
tmdd
19
ns
PCP_CS and PCP_DS low for read
tmrpw
24
ns
Data hold time after PCP_CS or PCP_DS high after read
tmdhr
8—
ns
Data high-Z after PCP_CS or PCP_DS high after read
tmdis
18
ns
PCP_CS or PCP_DS high to PCP_CS and PCP_DS low for next
read1
1. The system designer should be aware that the actual maximum speed of the communication port may be limited by
the firmware application. Hardware handshaking on the PCP_BSY pin/bit should be observed to prevent overflowing
the input data buffer. AN288 CS4953xx/CS497xxx Firmware User’s Manual should be consulted for the firmware
speed limitations.
tmrd
30
ns
PCP_CS or PCP_DS high to PCP_CS and PCP_DS low for next
write1
tmrdtw
30
ns
PCP_RW rising to PCP_IRQ falling
tmrwirqh
12
ns
Write
Delay between PCP_DS then PCP_CS low or PCP_CS then
PCP_DS low
tmcdw
0—
ns
Data setup before PCP_CS or PCP_DS high
tmdsu
8—
ns
PCP_CS and PCP_DS low for write
tmwpw
24
ns
PCP_R/W setup before PCP_CS AND PCP_DS low
tmrwsu
24
ns
PCP_R/W hold time after PCP_CS or PCP_DS high
tmrwhld
8—
ns
Data hold after PCP_CS or PCP_DS high
tmdhw
8—
ns
PCP_CS or PCP_DS high to PCP_CS and PCP_DS low with
PCP_R/W high for next read1
tmwtrd
30
ns
PCP_CS or PCP_DS high to PCP_CS and PCP_DS low for next
write1
tmwd
30
ns
PCP_RW rising to PCP_BSY falling
tmrwbsyl
2*DCLKP + 20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com