Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4852 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4852
Description  Cost-effective, High-performance 32-bit DSP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4852 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4852 Datasheet HTML 7Page - Cirrus Logic CS4852 Datasheet HTML 8Page - Cirrus Logic CS4852 Datasheet HTML 9Page - Cirrus Logic CS4852 Datasheet HTML 10Page - Cirrus Logic CS4852 Datasheet HTML 11Page - Cirrus Logic CS4852 Datasheet HTML 12Page - Cirrus Logic CS4852 Datasheet HTML 13Page - Cirrus Logic CS4852 Datasheet HTML 14Page - Cirrus Logic CS4852 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
DS734F5
5.6 Switching Characteristics—RESET
5.6 Switching Characteristics—RESET
Figure 5-1. RESET Timing
5.7 Switching Characteristics—XTI
Figure 5-2. XTI Timing
5.8 Switching Characteristics—Internal Clock
Parameter
Symbol
Min
Max
Unit
RESET# minimum pulse width low
Trstl
1—
ms
All bidirectional pins high-Z after RESET# low
Trst2z
100
ns
Configuration pins setup before RESET# high
Trstsu
50
ns
Configuration pins hold after RESET# high
Trsthld
20
ns
Parameter
Symbol
Min
Max
Unit
External Crystal operating frequency1
1.Part characterized with the following crystal frequency values: 11.2896, 12.288, 18.432, 24.576, & 27 MH.z
Fxtal
11.2896
27
MHz
XTI period
Tclki
33.3
100
ns
XTI high time
Tclkih
13.3
ns
XTI low time
Tclkil
13.3
ns
External Crystal Load Capacitance (parallel resonant)2
2.CL refers to the total load capacitance as specified by the crystal manufacturer. Crystals that require a CL outside this range should be avoided. The
crystal oscillator circuit design should follow the crystal manufacturer’s recommendation for load capacitor selection.
CL
10
18
pF
External Crystal Equivalent Series Resistance
ESR
50
Ω
Parameter
Symbol
Min
Max
Unit
Internal DCLK frequency1
Fdclk
——
MHz
CS4852x-CQZ
CS4854x-CQZ
CS4856x-CQZ
CS4854x-DQZ
CS4856x-DQZ
Fxtal
Fxtal
Fxtal
Fxtal
Fxtal
150
150
150
150
150
RESET#
Trst2z
Trstl
Trstsu Trsthld
HS[3:0]
All Bidirectional
Pins
t clkih
t clkil
Tclki
XTI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com