Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4852 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS4852
Description  Cost-effective, High-performance 32-bit DSP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4852 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS4852 Datasheet HTML 10Page - Cirrus Logic CS4852 Datasheet HTML 11Page - Cirrus Logic CS4852 Datasheet HTML 12Page - Cirrus Logic CS4852 Datasheet HTML 13Page - Cirrus Logic CS4852 Datasheet HTML 14Page - Cirrus Logic CS4852 Datasheet HTML 15Page - Cirrus Logic CS4852 Datasheet HTML 16Page - Cirrus Logic CS4852 Datasheet HTML 17Page - Cirrus Logic CS4852 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14
DS734F5
5.12 Switching Characteristics—Serial Control Port–I2C Master Mode
Figure 5-5. Serial Control Port–I2C Slave Mode Timing
5.12 Switching Characteristics—Serial Control Port–I2C Master Mode
SCP_CLK low to SCP_SDA out valid
tiicdov
—
—
18
ns
SCP_CLK falling to SCP_IRQ# rising
tiicirqh
—
—
3*DCLKP + 40
ns
NAK condition to SCP_IRQ# low
tiicirql
—
3*DCLKP + 20
—
ns
SCP_CLK rising to SCB_BSY# low
tiicbsyl
—
3*DCLKP + 20
—
ns
1.The specification fiicck indicates the maximum speed of the hardware. The system designer should be aware that the actual maximum speed of the
communication port may be limited by the firmware application. Flow control using the SCP_BSY# pin should be implemented to prevent overflow of
the input data buffer.
Parameter
Symbol
Min
Max
Units
SCP_CLK frequency1
1.The specification fiicck indicates the maximum speed of the hardware. The system designer should be aware that the actual maximum speed of the
communication port may be limited by the firmware application.
fiicck
—400
kHz
SCP_CLK low time
tiicckl
1.25
—
µs
SCP_CLK high time
tiicckh
1.25
—
µs
SCP_SCK rising to SCP_SDA rising or falling for START or STOP condition
tiicckcmd
1.25
—
µs
START condition to SCP_CLK falling
tiicstscl
1.25
—
µs
SCP_CLK falling to STOP condition
tiicstp
2.5
—
µs
Bus free time between STOP and START conditions
tiicbft
3—
µs
Setup time SCP_SDA input valid to SCP_CLK rising
tiicsu
100
—
ns
Hold time SCP_SDA input after SCP_CLK falling
tiich
20
—
ns
SCP_CLK low to SCP_SDA out valid
tiicdov
—18
ns
Parameter
Symbol Min
Typical
Max
Units
SCP_BSY#
SCP_CLK
SCP_SDA
SCP_IRQ#
0
1
67
80
1
7
tiicckl
tiicckh
tiicsu
tiich
A6
A0
R/W
ACK
LSB
tiicirqh
tiicirql
8
ACK
MSB
tiicstp
6
tiiccbsyl
tiicdov
tiicbft
tiicstscl
tiicckcmd
fiicck
tiicckcmd
tiicf
tiicr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com