Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4852 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4852
Description  Cost-effective, High-performance 32-bit DSP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4852 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4852 Datasheet HTML 9Page - Cirrus Logic CS4852 Datasheet HTML 10Page - Cirrus Logic CS4852 Datasheet HTML 11Page - Cirrus Logic CS4852 Datasheet HTML 12Page - Cirrus Logic CS4852 Datasheet HTML 13Page - Cirrus Logic CS4852 Datasheet HTML 14Page - Cirrus Logic CS4852 Datasheet HTML 15Page - Cirrus Logic CS4852 Datasheet HTML 16Page - Cirrus Logic CS4852 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
DS734F5
5.10 Switching Characteristics—Serial Control Port–SPI Master Mode
5.10 Switching Characteristics—Serial Control Port–SPI Master Mode
Figure 5-4. Serial Control Port–SPI Master Mode Timing
5.11 Switching Characteristics—Serial Control Port–I2C Slave Mode
Parameter
Symbol
Min
Typical
Max
Units
SCP_CLK frequency1
1.The specification fspisck indicates the maximum speed of the hardware. The system designer should be aware that the actual maximum speed of the
communication port may be limited by the firmware application.
fspisck
——
Fxtal/22
2.See Section 5.7.
MHz
SCP_CS# falling to SCP_CLK rising3
3.SCP_CLK PERIOD refers to the period of SCP_CLK as being used in a given application. It does not refer to a tested parameter.
tspicss
11*DCLKP + (SCP_CLK PERIOD)/2
ns
SCP_CLK low time
tspickl
20
ns
SCP_CLK high time
tspickh
20
ns
Setup time SCP_MISO input
tspidsu
13
ns
Hold time SCP_MISO input
tspidh
5—
ns
SCP_CLK low to SCP_MOSI output valid
tspidov
——
8
ns
SCP_CLK low to SCP_CS# falling
tspicsl
7—
ns
SCP_CLK low to SCP_CS# rising
tspicsh
11*DCLKP + (SCP_CLK PERIOD)/2
ns
Bus free time between active SCP_CS#
tspicsx
3*DCLKP
ns
SCP_CLK falling to SCP_MOSI output high-Z
tspidz
20
ns
Parameter
Symbol Min
Typical
Max
Units
SCP_CLK frequency1
fiicck
——
400
kHz
SCP_CLK low time
tiicckl
1.25
µs
SCP_CLK high time
tiicckh
1.25
µs
SCP_SCK rising to SCP_SDA rising or falling for START or STOP condition
tiicckcmd 1.25
µs
START condition to SCP_CLK falling
tiicstscl
1.25
µs
SCP_CLK falling to STOP condition
tiicstp
2.5
µs
Bus free time between STOP and START conditions
tiicbft
3—
µs
Setup time SCP_SDA input valid to SCP_CLK rising
tiicsu
100
ns
Hold time SCP_SDA input after SCP_CLK falling
tiich
20
ns
EE_CS#
SCP_CLK
SCP_MISO
SCP_MOSI
0
1267
0
56
7
tspicss
tspickl
tspickh
tspidsu
tspidh
tspidov
A6
A5
A0
R/W
MSB
LSB
MSB
LSB
tspicsh
tspicsx
fspisck
tspidz
tspicsl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com