Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4852 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS4852
Description  Cost-effective, High-performance 32-bit DSP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4852 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS4852 Datasheet HTML 11Page - Cirrus Logic CS4852 Datasheet HTML 12Page - Cirrus Logic CS4852 Datasheet HTML 13Page - Cirrus Logic CS4852 Datasheet HTML 14Page - Cirrus Logic CS4852 Datasheet HTML 15Page - Cirrus Logic CS4852 Datasheet HTML 16Page - Cirrus Logic CS4852 Datasheet HTML 17Page - Cirrus Logic CS4852 Datasheet HTML 18Page - Cirrus Logic CS4852 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15
DS734F5
5.13 Switching Characteristics—Digital Audio Slave Input Port
Figure 5-6. Serial Control Port–I2C Master Mode Timing
5.13 Switching Characteristics—Digital Audio Slave Input Port
Figure 5-7. Digital Audio Input (DAI) Port Timing Diagram
5.14 Switching Characteristics—DSD Slave Input Port
Figure 5-8. Direct Stream Digital–Serial Audio Input Timing
Parameter
Symbol
Min
Max
Unit
DAI_SCLK period
Tdaiclkp
40
—
ns
DAI_SCLK duty cycle
—
45
55
%
Setup time DAI_DATAn
tdaidsu
10
—
ns
Hold time DAI_DATAn
tdaidh
5—
ns
Parameter
Symbol
Min
Typ
Max
Unit
DSD_SCLK Pulse Width Low
tsclkl
78
—
—
ns
DSD_SCLK Pulse Width High
tsclkh
78
—
—
ns
DSD_SCLK Frequency (64x Oversampled)
—
1.024
—
3.2
MHz
DSD_A/B valid to DSD_SCLK rising setup time
tsdlrs
20
—
—
ns
DSD_SCLK rising to DSD_A or DSD_B hold time
tsdh
20
—
—
ns
SCP_CLK
SCP_SDA
0
1
6780
1
7
tiicckl
tiicckh
tiicsu
tiich
A6
A0
R/W
ACK
LSB
8
ACK
MSB
tiicstp
6
tiicdov
tiicbft
tiicstscl
tiicckcmd
fiicck
tiicckcmd
tiicf
tiicr
DAI_SCLK
DAI_DATAn
tdaidh
tdaidsu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com