Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS497014 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS497014
Description  High Definition Audio Decoder DSP Family with Dual 32-bit Engine Technology
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS497014 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS497014 Datasheet HTML 13Page - Cirrus Logic CS497014 Datasheet HTML 14Page - Cirrus Logic CS497014 Datasheet HTML 15Page - Cirrus Logic CS497014 Datasheet HTML 16Page - Cirrus Logic CS497014 Datasheet HTML 17Page - Cirrus Logic CS497014 Datasheet HTML 18Page - Cirrus Logic CS497014 Datasheet HTML 19Page - Cirrus Logic CS497014 Datasheet HTML 20Page - Cirrus Logic CS497014 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
CS4970x4 Data Sheet
32-bit High Definition Audio Decoder DSP Family
DS752F1
17
Figure 7. Parallel Control Port - Intel
Slave Mode Read Cycle
Delay between PCP_RD then PCP_CS low or PCP_CS then
PCP_RD low
ticdr
0—
—
ns
Data valid after PCP_CS and PCP_RD low
tidd
——
18
ns
PCP_CS and PCP_RD low for read
tirpw
24
—
—
ns
Data hold time after PCP_CS or PCP_RD high
tidhr
8—
—
ns
Data high-Z after PCP_CS or PCP_RD high
tidis
——
18
ns
PCP_CS or PCP_RD high to PCP_CS and PCP_RD low for next
read1
tird
30
—
—
ns
PCP_CS or PCP_RD high to PCP_CS and PCP_WR low for next
write1
tirdtw
30
—
—
ns
PCP_RD rising to PCP_IRQ rising
tirdirqhl
——
12
ns
Write
Delay between PCP_WR then PCP_CS low or PCP_CS then
PCP_WR low
ticdw
0—
—
ns
Data setup before PCP_CS or PCP_WR high
tidsu
8—
—
ns
PCP_CS and PCP_WR low for write
tiwpw
24
—
—
ns
Data hold after PCP_CS or PCP_WR high
tidhw
8—
—
ns
PCP_CS or PCP_WR high to PCP_CS and PCP_RD low for next
read1
tiwtrd
30
—
—
ns
PCP_CS or PCP_WR high to PCP_CS and PCP_WR low for next
write1
tiwd
30
—
—
ns
PCP_WR rising to PCP_BSY falling
tiwrbsyl
—
2*DCLKP + 20
—
ns
1. The system designer should be aware that the actual maximum speed of the communication port may be limited by the firmware
application. Hardware handshaking on the PCP_
BSY pin/bit should be observed to prevent overflowing the input data buffer.
CS4953x4/CS4970x4 System Designer’s Guide should be consulted for the firmware speed limitations.
Parameter
Symbol Min
Typical
Max
Unit
PCP_A[3:0]
PCP_D[7:0]
t ias
t icdr
t iah
t idd
t irpw
t idhr
t idis
t ird
t irdtw
PCP_CS#
PCP_WR#
PCP_RD#
PCP_IRQ#
tirdirqh
LSP
MSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com