Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS497014 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS497014
Description  High Definition Audio Decoder DSP Family with Dual 32-bit Engine Technology
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS497014 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS497014 Datasheet HTML 23Page - Cirrus Logic CS497014 Datasheet HTML 24Page - Cirrus Logic CS497014 Datasheet HTML 25Page - Cirrus Logic CS497014 Datasheet HTML 26Page - Cirrus Logic CS497014 Datasheet HTML 27Page - Cirrus Logic CS497014 Datasheet HTML 28Page - Cirrus Logic CS497014 Datasheet HTML 29Page - Cirrus Logic CS497014 Datasheet HTML 30Page - Cirrus Logic CS497014 Datasheet HTML 31Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
CS4970x4 Data Sheet
32-bit High Definition Audio Decoder DSP Family
DS752F1
27
6 Ordering Information
The CS4970x4 family part number is described as follows:
CS497NNI-XYZ
where
NN - Product Number Variant
I - ROM ID Number
X - Product Grade
Y - Package Type
Z - Lead (Pb) Free
Note: Please contact the factory for availability of the -D (automotive grade) package.
7 Environmental, Manufacturing, and Handling Information
* MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020.
Table 4. Ordering Information
Part No.
Status
Grade
Temp. Range
Package
CS497014-CVZ
Active
Commercial
0 to +70 °C
128-pin LQFP
CS47014-CVZR1
1. R = Tape and reel
Active
Commercial
0 to +70 °C
CS497024-CVZ
Active
Commercial
0 to +70 °C
128-pin LQFP
CS497024-CVZR1
Active
Commercial
0 to +70 °C
Table 5. Environmental, Manufacturing, & Handling Information
Model Number
Peak Reflow Temp
MSL Rating*
Max Floor Life
CS497014-CVZ
260 °C
3
7 Days
CS47014-CVZR
260 °C
3
7 Days
CS497024-CVZ
260 °C
3
7 Days
CS497024-CVZR
260 °C
3
7 Days



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com