Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS497014 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS497014
Description  High Definition Audio Decoder DSP Family with Dual 32-bit Engine Technology
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS497014 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS497014 Datasheet HTML 15Page - Cirrus Logic CS497014 Datasheet HTML 16Page - Cirrus Logic CS497014 Datasheet HTML 17Page - Cirrus Logic CS497014 Datasheet HTML 18Page - Cirrus Logic CS497014 Datasheet HTML 19Page - Cirrus Logic CS497014 Datasheet HTML 20Page - Cirrus Logic CS497014 Datasheet HTML 21Page - Cirrus Logic CS497014 Datasheet HTML 22Page - Cirrus Logic CS497014 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
CS4970x4 Data Sheet
32-bit High Definition Audio Decoder DSP Family
DS752F1
19
5.14 Switching Characteristics — Parallel Control Port - Motorola Slave Mode
Parameter
Symbo
lMin
Typical
Max
Unit
Address setup before PCP_CS and PCP_DS low
tmas
5—
—
ns
Address hold time after PCP_CS and PCP_DS low
tmah
5—
—
ns
Read
Delay between PCP_DS then PCP_CS low or PCP_CS then
PCP_DS low
tmcdr
0—
—
ns
Data valid after PCP_CS and PCP_DS low with PCP_R/W high
tmdd
—
—
19
ns
PCP_CS and PCP_DS low for read
tmrpw
24
—
—
ns
Data hold time after PCP_CS or PCP_DS high after read
tmdhr
8—
—
ns
Data high-Z after PCP_CS or PCP_DS high after read
tmdis
—
—
18
ns
PCP_CS or PCP_DS high to PCP_CS and PCP_DS low for next
read1
1. The system designer should be aware that the actual maximum speed of the communication port may be limited by the firmware
application. Hardware handshaking on the PCP_
BSY pin/bit should be observed to prevent overflowing the input data buffer.
CS4953x4/CS4970x4 System Designer’s Guide should be consulted for the firmware speed limitations.
tmrd
30
—
—
ns
PCP_CS or PCP_DS high to PCP_CS and PCP_DS low for next
write1
tmrdtw
30
—
—
ns
PCP_RW rising to PCP_IRQ falling
tmrwirqh
—
—
12
ns
Write
Delay between PCP_DS then PCP_CS low or PCP_CS then
PCP_DS low
tmcdw
0—
—
ns
Data setup before PCP_CS or PCP_DS high
tmdsu
8—
—
ns
PCP_CS and PCP_DS low for write
tmwpw
24
—
—
ns
PCP_R/W setup before PCP_CS AND PCP_DS low
tmrwsu
24
—
—
ns
PCP_R/W hold time after PCP_CS or PCP_DS high
tmrwhld
8—
—
ns
Data hold after PCP_CS or PCP_DS high
tmdhw
8—
—
ns
PCP_CS or PCP_DS high to PCP_CS and PCP_DS low with
PCP_R/W high for next read1
tmwtrd
30
—
—
ns
PCP_CS or PCP_DS high to PCP_CS and PCP_DS low for next
write1
tmwd
30
—
—
ns
PCP_RW rising to PCP_BSY falling
tmrwbsyl
—2*DCLKP + 20
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com