Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS497014 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS497014
Description  High Definition Audio Decoder DSP Family with Dual 32-bit Engine Technology
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS497014 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS497014 Datasheet HTML 17Page - Cirrus Logic CS497014 Datasheet HTML 18Page - Cirrus Logic CS497014 Datasheet HTML 19Page - Cirrus Logic CS497014 Datasheet HTML 20Page - Cirrus Logic CS497014 Datasheet HTML 21Page - Cirrus Logic CS497014 Datasheet HTML 22Page - Cirrus Logic CS497014 Datasheet HTML 23Page - Cirrus Logic CS497014 Datasheet HTML 24Page - Cirrus Logic CS497014 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
CS4970x4 Data Sheet
32-bit High Definition Audio Decoder DSP Family
DS752F1
21
5.15 Switching Characteristics — Digital Audio Slave Input Port
Note: In these diagrams, falling edge is the inactive edge of DAI_SCLK.
Figure 11. Digital Audio Input (DAI) Port Timing Diagram
Figure 12. DAI Slave Timing Diagram
Parameter
Symbol
Min
Max
Unit
DAI_SCLK period
Tdaiclkp
40
ns
DAI_SCLK duty cycle
—45
55
%
DAI_LRCLK transition from DAI_SCLK active edge
tdaisstlr
10
ns
DAI_SCLK active edge from DAI_LRCLK transition
tdaislrts
10
ns
Setup time DAI_DATAn
tdaidsu
10
ns
Hold time DAI_DATAn
tdaidh
5—
ns
DAI_SCLK
DAI_DATA n
tdaidh
tdaidsu
DAI_SCLK
DAI_LRCLK
DAIn_DATAn
tdaislrts
Tdaiclkp
DAI_SCLK
DAI_LRCLK
tdaisstlr
Tdaiclkp
DAIn_DATAn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com