Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM0011 Datasheet(PDF) 91 Page - Cirrus Logic

Part # WM0011
Description  General Purpose Low-Power Audio DSP
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM0011 Datasheet(HTML) 91 Page - Cirrus Logic

Back Button WM0011 Datasheet HTML 87Page - Cirrus Logic WM0011 Datasheet HTML 88Page - Cirrus Logic WM0011 Datasheet HTML 89Page - Cirrus Logic WM0011 Datasheet HTML 90Page - Cirrus Logic WM0011 Datasheet HTML 91Page - Cirrus Logic WM0011 Datasheet HTML 92Page - Cirrus Logic WM0011 Datasheet HTML 93Page - Cirrus Logic WM0011 Datasheet HTML 94Page - Cirrus Logic WM0011 Datasheet HTML 95Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 233 page
background image
WM0011
Production Data
w
PD, Rev 4.1, August 2013
91
TMR_MAX_CNT – TIMER MAXIMUM COUNT REGISTER
TMR_MAX_CNT
TIMER MAXIMUM COUNT REGISTER
Address = 0xF001_0004 (Timer 1)
Address = 0xF001_0024 (Timer 2)
Address = 0xF001_0044 (Timer 3)
Default value = 0x0000_00FF
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
BITS
FIELD
NAME
S/W
ACCESS
RESET
VALUE
FIELD
DESCRIPTION
31:24
Reserved
0x00
23:0
TMR_MAX_CNT
RW
0x00
_00FF
Timer End Value
This register indicates the maximum count number for the timer. When
configured as an up counter, the counter will increment from 0 to
TMR_MAX_CNT value. When configured as a down counter, the
counter will decrement from TMR_MAX_CNT to 0.
Table 46 TMR_MAX_CNT Register
TMR_CUR_CNT – TIMER CURRENT COUNT REGISTER
TMR_CUR_CNT
TIMER CURRENT COUNT REGISTER
Address = 0xF001_000C (Timer 1)
Address = 0xF001_002C (Timer 2)
Address = 0xF001_004C (Timer 3)
Default value = 0x0000_0000
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
BITS
FIELD
NAME
S/W
ACCESS
RESET
VALUE
FIELD
DESCRIPTION
31:24
Reserved
0x00
23:0
TMR_CUR_CNT
RO
0x00
_0000
Timer Current Count Value
The value of the current counter. This value represents the value of the
counter with one APBCLK delay.
Table 47 TMR_CUR_CNT Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com