Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM0011 Datasheet(PDF) 11 Page - Cirrus Logic

Part # WM0011
Description  General Purpose Low-Power Audio DSP
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM0011 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button WM0011 Datasheet HTML 7Page - Cirrus Logic WM0011 Datasheet HTML 8Page - Cirrus Logic WM0011 Datasheet HTML 9Page - Cirrus Logic WM0011 Datasheet HTML 10Page - Cirrus Logic WM0011 Datasheet HTML 11Page - Cirrus Logic WM0011 Datasheet HTML 12Page - Cirrus Logic WM0011 Datasheet HTML 13Page - Cirrus Logic WM0011 Datasheet HTML 14Page - Cirrus Logic WM0011 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 233 page
background image
WM0011
Production Data
w
PD, Rev 4.1, August 2013
11
PIN
NO
NAME
TYPE
PULL
DEVICE
DESCRIPTION
B7
AIF3BCLK/SPISCLK
Input / Output
Pull-Down
AIF3 bit clock / SPI serial clock
1
UART / I
2C Master & Slave Interfaces
F3
UARTRX/SDA1/SDA2/GPIO22
Input / Output
Pull-Down
UART RX / Serial data 1 (slave) / Serial data 2
(master) / GPIO
2
G3
UARTTX/SCLK1/SCLK2/GPIO23
Input / Output
Pull-Down
UART TX / Serial clock 1 (slave) / Serial clock 2
(master) / GPIO
2
GPIO
F1
GPIO4
Input / Output
Pull-Up/Down
GPIO pin
F2
GPIO5
Input / Output
Pull-Up/Down
GPIO pin
D3
GPIO6
Input / Output
Pull-Up/Down
GPIO pin
E2
GPIO7
Input / Output
Pull-Up/Down
GPIO pin
D2
GPIO8
Input / Output
Pull-Up/Down
GPIO pin
E1
GPIO9
Input / Output
Pull-Up/Down
GPIO pin
B3
GPIO10
Input / Output
Pull-Up/Down
GPIO pin
C2
GPIO11
Input / Output
Pull-Up/Down
GPIO pin
C3
GPIO12
Input / Output
Pull-Up/Down
GPIO pin
A3
GPIO13
Input / Output
Pull-Up/Down
GPIO pin
B2
GPIO14
Input / Output
Pull-Up/Down
GPIO pin
Debug
C4
TCK
Input
Pull-Up
JTAG clock
A6
TDEBUG/TMSDEBUG
Input / Output
Pull-Up
Test Mode Debug output / Test Mode Select input
C7
TDI
Input
Pull-Up
JTAG data input
C6
TDO
Output
Pull-Up
JTAG data output
C5
TMSDFT
Input
Pull-Up
JTAG mode select input
A7
TOCDRST
¯¯¯¯¯¯¯¯¯
Input
Pull-Up
Maskable chip reset from the debug tool
D5
TRST
¯¯¯¯¯
Input
Pull-Down
JTAG Test Access Port (TAP) block reset
Other
B1
DNC
Do Not Connect
D1
NC
Not used - connect to GND.
Notes:
1. The SPI interface I/O pads are multiplexed with AIF3
2. The UART, I2C master and I2C slave signals are multiplexed into two I/O pads.
3. The I/O pad multiplexers are configured during the boot-up sequence, as determined by the Custom Fuse settings.
Table 1 identifies the default power-up condition of each of the input / output pins, assuming that the Custom Fuses are not
programmed.
Application-specific parameters for configuring the input / output pins, and many other parameters, may be selected using the
integrated one-time-programmable fuses. See “Boot Sequence Control” for further details.
PIN
NO
NAME
DEFAULT FUNCTION / RESET CONDITION
(FUSES NOT PROGRAMMED)
E7
XTI
XTI
input
E6
XTO
XTO
output
A5
RESET
¯¯¯¯¯¯
RESET
¯¯¯¯¯¯
input
Pull-up enabled
E5
STANDBY
¯¯¯¯¯¯¯¯¯
STANDBY
¯¯¯¯¯¯¯¯¯
input
Pull-up enabled
E3
IRQ
¯¯¯
IRQ
¯¯¯
output
Pull-up enabled
G4
CLKOUT/GPIO28
CLKOUT
output
Pull-down enabled
G6
AIF1TXDAT
AIF1TXDAT
output
Pull-down enabled
F6
AIF1RXDAT
AIF1RXDAT
input
Pull-down enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com