Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM0011 Datasheet(PDF) 13 Page - Cirrus Logic

Part # WM0011
Description  General Purpose Low-Power Audio DSP
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM0011 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button WM0011 Datasheet HTML 9Page - Cirrus Logic WM0011 Datasheet HTML 10Page - Cirrus Logic WM0011 Datasheet HTML 11Page - Cirrus Logic WM0011 Datasheet HTML 12Page - Cirrus Logic WM0011 Datasheet HTML 13Page - Cirrus Logic WM0011 Datasheet HTML 14Page - Cirrus Logic WM0011 Datasheet HTML 15Page - Cirrus Logic WM0011 Datasheet HTML 16Page - Cirrus Logic WM0011 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 233 page
background image
WM0011
Production Data
w
PD, Rev 4.1, August 2013
13
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at or
beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
Wolfson tests its package types according to IPC/JEDEC J-STD-020 for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
Supply voltage (DCVDD)
DGND - 0.3V
1.6V
Supply voltage (DBVDD1, DBVDD2, DBVDD3, AVDD, PROGVDD)
DGND - 0.3V
5.0V
Voltage range digital inputs (DBVDD1 domain)
DGND - 0.3V
DBVDD1 + 0.3V
Voltage range digital inputs (DBVDD2 domain)
DGND - 0.3V
DBVDD2 + 0.3V
Voltage range digital inputs (DBVDD3 domain)
DGND - 0.3V
DBVDD3 + 0.3V
Operating temperature range, TA
-40ºC
+85ºC
Junction temperature, TJ
-40ºC
+125ºC
Storage temperature after soldering
-65ºC
+150ºC
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Digital core supply range
DCVDD
1.14
1.2
1.32
V
Digital I/O supply range
DBVDD1
1.62
1.8
1.98
V
Digital I/O supply range (GPIO10,
GPIO11, GPIO12, GPIO13, GPIO14)
DBVDD2
1.62
3.63
V
Digital I/O supply range (GPIO4,
GPIO5, GPIO6, GPIO7, GPIO8,
GPIO9)
DBVDD2
1.62
3.63
V
PLL supply range
AVDD
1.14
1.2
1.32
V
Fuse programming supply
PROGVDD
0
V
Ground
DGND
0
V
Operating temperature range
TA
-40
+85
ºC
Notes:
1.
All supplies are independent of each other (i.e. not internally connected)
2.
PROGVDD must be tied to 0V during normal operation
3.
The WM0011 can operate with DBVDD2 tied to 0V, but GPIO10, GPIO11, GPIO12, GPIO13, GPIO14 functionality is not
supported in this case
4.
The WM0011 can operate with DBVDD3 tied to 0V, but GPIO4, GPIO5, GPIO6, GPIO7, GPIO8, GPIO9 functionality is not
supported in this case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com