Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM0011 Datasheet(PDF) 21 Page - Cirrus Logic

Part # WM0011
Description  General Purpose Low-Power Audio DSP
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM0011 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button WM0011 Datasheet HTML 17Page - Cirrus Logic WM0011 Datasheet HTML 18Page - Cirrus Logic WM0011 Datasheet HTML 19Page - Cirrus Logic WM0011 Datasheet HTML 20Page - Cirrus Logic WM0011 Datasheet HTML 21Page - Cirrus Logic WM0011 Datasheet HTML 22Page - Cirrus Logic WM0011 Datasheet HTML 23Page - Cirrus Logic WM0011 Datasheet HTML 24Page - Cirrus Logic WM0011 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 233 page
background image
WM0011
Production Data
w
PD, Rev 4.1, August 2013
21
SPI INTERFACE – SLAVE MODE
SPISS
(input)
SPISCLK
(input)
SPIMOSI
(input)
tSSU
tSCY
tDHO
tDSU
tSHO
SPIMISO
(output)
TX_PHASE=0
tDL
tEDL
SPIMISO
(output)
TX_PHASE=1
tDZ
tZD
Figure 5 SPI Slave Mode Timing
Note this diagram shows the mode where incoming data (SPIMOSI) is sampled on the rising edge of
SPISCLK. By default, the outgoing data (SPIMISO) transitions on the falling edge of SPISCLK. When
‘Early Transmit Data Phase’ mode is selected (TX_PHASE=1), the outgoing data (SPIMISO)
transitions on the rising edge of SPISCLK.
Test Conditions
AVDD=DCVDD=1.2V, DBVDD1=DBVDD2=DBVDD3=1.8V, TA = +25°C, CLOAD=5pF (output pins), unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
SPI Interface Timing - Slave Mode
SPISS
¯¯¯¯¯ set-up time to SPISCLK rising edge
tSSU
tAHBCLK +
1.0
ns
SPISS
¯¯¯¯¯ hold time from SPISCLK falling edge
tSHO
2.0
ns
SPISCLK pulse cycle time
tSCY
38.5
ns
In SPI Slave mode, the maximum SPISCLK frequency is 26MHz. It is also required that FSPISCLK < FAHBCLK.
SPISCLK duty cycle
40
60
%
SPIMOSI set-up time to SPISCLK rising edge
tDSU
2.0
ns
SPIMOSI hold time from SPISCLK rising edge
tDHO
2.0
ns
SPIMISO propagation delay from
SPISCLK falling edge
CLOAD=25pF
tDL
12.1
ns
CLOAD=5pF
9.3
SPIMISO propagation delay from
SPISCLK rising edge (early TX data mode)
CLOAD=25pF
tEDL
14.1
ns
CLOAD=5pF
11.3
SPIMISO enable from SPISS
¯¯¯¯¯ falling edge
tZD
13.6
ns
SPIMISO disable from SPISS
¯¯¯¯¯ rising edge
tDZ
7.8
ns
Table 6 SPI Slave Mode Timing Values
Note the timing figures quoted in the table above are for full drive strength outputs; these timings are
not guaranteed for reduced drive strength.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com