Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8310 Datasheet(PDF) 91 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 91 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 87Page - Cirrus Logic WM8310 Datasheet HTML 88Page - Cirrus Logic WM8310 Datasheet HTML 89Page - Cirrus Logic WM8310 Datasheet HTML 90Page - Cirrus Logic WM8310 Datasheet HTML 91Page - Cirrus Logic WM8310 Datasheet HTML 92Page - Cirrus Logic WM8310 Datasheet HTML 93Page - Cirrus Logic WM8310 Datasheet HTML 94Page - Cirrus Logic WM8310 Datasheet HTML 95Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
91
ADDRESS
BIT
LABEL
DESCRIPTION
Default value is 1 (masked)
R16412
(401Ch)
Interrupt Status
4 Mask
9
IM_HC_DC2_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
8
IM_HC_DC1_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
3:0
IM_UV_DCm_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Notes:
1.
n is a number between 1 and 10 that identifies the individual LDO Regulator (LDO1 - 10).
2.
m is a number between 1 and 4 that identifies the individual DC-DC Converter (DC-DC1 - 4).
Table 43 Power Management Interrupts
15.14 POWER GOOD INDICATION
The WM8310 can indicate the status of the DC-DC Converters and LDO Regulators via a GPIO pin
configured as a “PWR_GOOD” output (see Section 21).
Each DC-DC Converter and LDO Regulator to be monitored in this way must be individually enabled
as an input to the PWR_GOOD function using the register bits defined in Table 44.
When a GPIO pin is configured as a “PWR_GOOD” output, this signal is asserted when all selected
DC-DC Converters and LDO Regulators are operating correctly. If any of the enabled DC-DC
Converters or LDO Regulators is undervoltage, then the PWR_GOOD will be de-asserted. In this
event, the host processor should read the Undervoltage Interrupt fields to determine which DC-DC
Converter or LDO Regulator is affected.
Note that an Undervoltage condition may lead to a Converter being switched off automatically. In this
case, the disabled Converter will not indicate the fault condition via PWR_GOOD. Accordingly, the
PWR_GOOD signal may not be a reliable output in cases where the WM8310 is configured to shut
down any Converters automatically under Undervoltage conditions. It is recommended that the host
processor should read the Undervoltage Interrupts in response to PWR_GOOD being de-asserted.
The host processor can then initiate the most appropriate response.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16526 (408Eh)
Power Good
Source 1
3
DC4_OK
0
DC-DC4 status selected as an input
to PWR_GOOD
0 = Disabled
1 = Enabled
2
DC3_OK
1
DC-DC3 status selected as an input
to PWR_GOOD
0 = Disabled
1 = Enabled
1
DC2_OK
1
DC-DC2 status selected as an input
to PWR_GOOD
0 = Disabled
1 = Enabled
0
DC1_OK
1
DC-DC1 status selected as an input
to PWR_GOOD
0 = Disabled
1 = Enabled
R16527 (408Fh)
9
LDO10_OK
1
LDO10 status selected as an input to
PWR_GOOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com