Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8310 Datasheet(PDF) 18 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 14Page - Cirrus Logic WM8310 Datasheet HTML 15Page - Cirrus Logic WM8310 Datasheet HTML 16Page - Cirrus Logic WM8310 Datasheet HTML 17Page - Cirrus Logic WM8310 Datasheet HTML 18Page - Cirrus Logic WM8310 Datasheet HTML 19Page - Cirrus Logic WM8310 Datasheet HTML 20Page - Cirrus Logic WM8310 Datasheet HTML 21Page - Cirrus Logic WM8310 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
18
7.4
LDO REGULATORS
LDO1
Unless otherwise noted: VIN = 3.8V, VOUT = 1.8V, TJ = -40°C to +125°C; Typical values are at TJ = +25ºC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
VIN ≤ SYSVDD
1.5
5.5
V
Programmable
Output Voltage
VOUT
0.9
3.3
V
VOUT Step Size
VOUT_STEP
VOUT = 0.9V to 1.6V
50
mV
VOUT = 1.7V to 3.3V
100
Output Current
IOUT
Normal mode
0
300
mA
Low power mode, LDOn_LP_MODE=0
0
50
Low power mode, LDOn_LP_MODE=1
0
20
VOUT Accuracy
VOUT_ACC
ILOAD = 1mA
-3
+3
%
Line Regulation
VOUT LINE
VIN = (VOUT + 0.5) to 5.5V, ILOAD = 150mA
Note that VIN must be >= 1.5V
0.1
%/V
Load Regulation
VOUT LOAD
ILOAD =1mA to 300mA
0.015
%/mA
Dropout Voltage
VIN - VOUT
ILOAD =150mA, VOUT > 2.7V
250
mV
ILOAD =150mA, VOUT 1.8V to 2.7V
300
ILOAD =150mA, VOUT < 1.8V
500
Undervoltage
level
VOUT
VOUT Falling
88
%
Quiescent
Current
IQ
Normal mode, no load
30
A
Low power mode, LDOn_LP_MODE=0, no load
10
Low power mode, LDOn_LP_MODE=1, no load
5
ILOAD = 1mA to 300mA
IQ (no load) + 1% of load
Power Supply
Rejection Ratio
PSRR
ILOAD = 150mA, <= 1kHz
53
dB
ILOAD = 150mA, 10kHz
53
ILOAD = 150mA, 100kHz
32
On Resistance
(Switch mode)
RDSON
VIN = 1.5V, ILOAD = 100mA
1.5
VIN = 1.8V, ILOAD = 100mA
1.2
VIN = 2.5V, ILOAD = 100mA
0.85
VIN = 3.3V, ILOAD = 100mA
0.7
Current Limit
(Switch mode)
ICL
VOUT = 0V
600
mA
Start-up time
tstart_up
No load, Output cap 2.2 µF, 90% of VOUT
10
s
Shutdown time
tshut_down
No load, Output cap 2.2 µF, 10% of VOUT
10
ms
LDO2, LDO3
Unless otherwise noted: VIN = 3.8V, VOUT = 1.8V, TJ = -40°C to +125°C; Typical values are at TJ = +25ºC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
VIN ≤ SYSVDD
1.5
5.5
V
Programmable
Output Voltage
VOUT
0.9
3.3
V
VOUT Step Size
VOUT_STEP
VOUT = 0.9V to 1.6V
50
mV
VOUT = 1.7V to 3.3V
100
Output Current
IOUT
Normal mode
0
200
mA
Low power mode, LDOn_LP_MODE=0
0
50
Low power mode, LDOn_LP_MODE=1
0
20
VOUT Accuracy
VOUT_ACC
ILOAD = 1mA
-3
+3
%
Line Regulation
VOUT LINE
VIN = (VOUT + 0.5) to 5.5V, ILOAD = 100mA
Note that VIN must be >= 1.5V
0.1
%/V
Load Regulation
VOUT LOAD
ILOAD =1mA to 200mA
0.015
%/mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com