Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8310 Datasheet(PDF) 32 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 28Page - Cirrus Logic WM8310 Datasheet HTML 29Page - Cirrus Logic WM8310 Datasheet HTML 30Page - Cirrus Logic WM8310 Datasheet HTML 31Page - Cirrus Logic WM8310 Datasheet HTML 32Page - Cirrus Logic WM8310 Datasheet HTML 33Page - Cirrus Logic WM8310 Datasheet HTML 34Page - Cirrus Logic WM8310 Datasheet HTML 35Page - Cirrus Logic WM8310 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
32
The remaining transitions between the OFF, ON and SLEEP states may be initiated by a number of
different mechanisms - some of them automatic, some of them user-controlled. Transitions between
these states are time-controlled sequences of events. These are the OFF, ON, SLEEP and WAKE
sequences shown in Figure 4. These transitions are programmable, using data stored in the
integrated OTP memory or else data loaded from an external InstantConfig™ EEPROM (ICE)
memory. See Section 14 for details.
Note that a transition from the SLEEP state to the OFF state is not a controlled transition. If an ‘OFF’
event occurs whilst in the SLEEP state, then the WM8310 will select the OFF state, but all the
enabled converters and regulators will be disabled immediately; the time-controlled sequence is not
implemented in this case. See Section 11.3 for details of the WM8310 ‘OFF’ events.
The current power state of the WM8310 can be read from the MAIN_STATE register field. A restricted
definition of this field is shown in Table 1. Note that other values of MAIN_STATE are defined for
transition states, but it is recommended that only the values quoted below should be used to confirm
power state transitions.
A power state transition to the BACKUP, SLEEP, ON or OFF state is indicated by the Interrupt bits
described in Section 11.4.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16397
(400Dh)
System
Status
4:0
MAIN_STATE [4:0]
0_0000
Main State Machine condition
0_0000 = OFF
0_1011 = PROGRAM
1_1100 = SLEEP
1_1111 = ACTIVE (ON)
Table 1 Power State Readback
11.3 POWER STATE CONTROL
The OFF, ON, SLEEP and WAKE sequences are initiated by many different conditions. When such a
condition occurs, the WM8310 schedules a series of 5 timeslots, enabling a sequence of
enable/disable events to be controlled. The nominal duration of the timeslots is fixed at 2ms, though
this may be extended if any selected circuit has not started up within this time, as described later in
this section. The OFF, SLEEP and WAKE sequences commence after a programmable delay set by
PWRSTATE_DLY. This allows a host processor to request a WM8310 state transition and then
complete other tasks before the transition actually occurs.
The ON sequence is the transition from OFF to ON power states. Each LDO and each DC-DC
Converter (except DC-DC4) may be associated with any one of the available timeslots in the ON
sequence. This determines the time, within the sequence, at which that DC-DC Converter or LDO will
be enabled following an ‘ON’ event.
The clock output (CLKOUT) and GPIO pins configured as External Power Enable (EPE) outputs can
also be associated with any one of the available timeslots in the ON sequence. The EPE function is a
logic output that may be used to control external circuits, including external DC-DC converters.
An example ‘ON’ state transition sequence is illustrated in Figure 5. Each of the DC-DC Buck
Converters and LDO Regulators can be individually assigned to one of the five timeslots (shown as
T1, T2, T3, T4, T5), providing total flexibility in the power sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com