Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8310 Datasheet(PDF) 3 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 3 Page - Cirrus Logic

  WM8310 Datasheet HTML 1Page - Cirrus Logic WM8310 Datasheet HTML 2Page - Cirrus Logic WM8310 Datasheet HTML 3Page - Cirrus Logic WM8310 Datasheet HTML 4Page - Cirrus Logic WM8310 Datasheet HTML 5Page - Cirrus Logic WM8310 Datasheet HTML 6Page - Cirrus Logic WM8310 Datasheet HTML 7Page - Cirrus Logic WM8310 Datasheet HTML 8Page - Cirrus Logic WM8310 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
3
TYPICAL APPLICATIONS
The WM8310 is designed as a system PMIC device that manages multiple power supply paths (wall
adapter, USB, battery) and generates configurable DC supplies to power processors and associated
peripherals within a system. The WM8310 provides three DC-DC synchronous buck (step-down)
converters and one DC-DC boost (step-up) converter. Eleven LDO regulators provide a high degree
of flexibility to provide power to multiple devices, with the capability to power-up and power-down
different circuits independently.
Two of the DC-DC buck converters incorporate Wolfson’s BuckWise™ technology specifically
designed to handle rapid changes in load current; programmable slew rate DVS is also provided, as
required by modern application processors. Selectable operating modes on all of the DC-DC
converters allow each converter to be optimally configured for light, heavy or transient load
conditions. Flexible operating configurations allow the converters to be tailored for minimum PCB
area, maximum performance, or for maximum efficiency. The analogue LDOs provide low-noise
outputs suitable for powering sensitive circuits such as RF / Wi-Fi / bluetooth radio applications.
The WM8310 powers up the converters and LDOs according to a programmable sequence. A
configurable ‘SLEEP’ state is also available, providing support for an alternate configuration, typically
for low-power / standby operation. The power control sequences and many other parameters can be
stored in an integrated user-configurable OTP (One-Time Programmable) memory or may be loaded
from an external memory. The WM8310 supports the programming and verification of the integrated
OTP memory.
The WM8310 provides power path management which seamlessly switches between wall adapter,
USB and battery power sources according to the prevailing conditions. A backup power source is also
supported in order to maintain the Real Time Clock (RTC) in the absence of any other supplies. The
WM8310 provides a configurable battery charger for the main battery, powered from either the wall
adapter or USB supplies. The backup power source is maintained using a constant-voltage output
from the WM8310.
Programmable GPIO pins may be configured as hardware inputs for general use or for selecting
different power management configurations. As outputs, the GPIOs can provide indications of the
device status, or may be used as control signals for other power management circuits. The WM8310
also provides two LED drivers, which can be controlled manually or configured as status indicators for
the OTP memory programmer, operating power state or battery charger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com