Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR4401 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # PR4401
Description  0.9V Boost Driver for White LEDs PR4401/4402 Requires Only One External Component
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PR4401 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button PR4401 Datasheet HTML 4Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 5Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 6Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 7Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 8Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 9Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 10Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 11Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LED DRIVER PR4401/PR4402
Available Packages
Typical Dimensions
B = 0.40 mm
D = 2.92 mm
E = 1.30 mm
H = 2.37 mm
e1 = 1.92 mm
PR4401/PR4402 SOT23 package in tape and reel
Packing unit: 3000 ICs per reel (reel diameter 7" / 178mm)
Delivery in die form on request
All parts delivered comply with RoHS. Finish is pure tin.
© PREMA Semiconductor GmbH 2006-2008
Page 11/12
Rev 0908



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com