Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR4401 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PR4401
Description  0.9V Boost Driver for White LEDs PR4401/4402 Requires Only One External Component
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PR4401 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PR4401 Datasheet HTML 1Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 2Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 3Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 4Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 5Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 6Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 7Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 8Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LED DRIVER PR4401/PR4402
PR4401 data
0,8
1
1,2
1,4
1,6
1,8
2
0
10
20
30
40
50
60
70
80
90
100
Efficiency vs. Supply Voltage
22 µH
14,7 µH
10 µH
Supply Voltage (V)
0,8
1
1,2
1,4
1,6
1,8
2
0
10
20
30
40
50
60
70
80
90
100
110
120
Mean Supply Current vs. Supply Voltage
22 µH
10 µH
Supply Voltage (V)
0,8
1
1,2
1,4
1,6
1,8
2
0
5
10
15
20
25
Mean LED Current vs. Supply Voltage
22 µH
14.7 µH
10 µH
Supply Voltage (V)
0,8
1
1,2
1,4
1,6
1,8
2
0
25
50
75
100
125
150
175
200
225
250
Peak LED Current vs. Supply Voltage
22 µH
10 µH
Supply Voltage (V)
-20
-10
0
10
20
30
40
50
60
70
0,7
0,8
0,9
1
1,1
Startup Voltage vs. Temperature
22 µH
10 µH
Temperature (°C)
0,75
1
1,25
1,5
1,75
2
0
100
200
300
400
500
600
700
800
Oscillation Frequency vs. Supply Voltage
22 µH
10 µH
Supply Voltage (V)
-20
-15
-10
-5
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
10
15
20
25
30
Mean LED Current vs. Temp. @ L1=10µH
1.0V
1,25V
1,50V
1,75V
Temperature (°C)
© PREMA Semiconductor GmbH 2006-2008
Page 4/12
Rev 0908



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com