Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR4401 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PR4401
Description  0.9V Boost Driver for White LEDs PR4401/4402 Requires Only One External Component
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PR4401 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PR4401 Datasheet HTML 1Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 2Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 3Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 4Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 5Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 6Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 7Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 8Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LED DRIVER PR4401/PR4402
0.9V Boost Driver for White LEDs PR4401/4402
Requires Only One External Component
The PR4401 and PR4402* are single cell step-up converters for white LEDs operating
from a supply voltage of less than 0.9V. Only one external inductor is needed for operation
of a white LED. PR4401 is recommended for mean LED currents of up to 20mA, PR4402
for up to 40mA. This makes PR4401 and PR4402 ideal for use in low-cost or small-sized
applications such as LED flashlights or LCD backlighting for portable devices.
Features
Applications
• minimum startup voltage 0.9V
• Small-sized LED torches
• 200/250mA peak output current
• LCD backlighting
• only one external component required
• LED indicator lights
• battery deep discharge protection
Typical Application
Vcc
Gnd
Vout
PR4401/02
Vbat =1.2V or 1.5V
L1
White
LED
For output currents higher than 20mA an additional
blocking capacitor at Vcc is recommended.
The inductance L1 determines the LED
current:
Inductance L1
Mean current
for
47µH
6.5 mA
PR4401
32µH
8.3 mA
PR4401
26.7µH
10.8 mA
PR4401
22 µH
11 mA
PR4401
14.7 µH
14 mA
PR4401
10 µH
22 mA
PR4401/4402
6.8 µH *
32 mA *
PR4402
4.7 µH *
40 mA *
PR4402
* PR4402 only measured with inductor Murata type
LQH32C series
10-22µH: one white LED
4.7-6.8µH: two white LEDs in parallel
Pin Description
PIN Name
PIN Function Description
Vcc
Supply voltage
Vout
Output voltage, LED connection
Gnd
Ground connection
Topside marking: "UI" (PR4401) or "UJ" (PR4402) with a two-digit lot code
Package SOT23-3 or COB on request
© PREMA Semiconductor GmbH 2006-2008
Page 1/12
Rev 0908
Vcc
Vout
Gnd
top view


Similar Part No. - PR4401

ManufacturerPart #DatasheetDescription
logo
PREMA Semiconductor.
PR4401 PREMA-PR4401 Datasheet
566Kb / 12P
0.9 V Boost Driver for White LEDs Requires Only One External Component
More results

Similar Description - PR4401

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5010 ONSEMI-NCP5010 Datasheet
177Kb / 18P
500 mW Boost Converter for White LEDs
December, 2005 ??Rev. P2
NCP5010 ONSEMI-NCP5010_06 Datasheet
173Kb / 18P
500 mW Boost Converter for White LEDs
August, 2006 ??Rev. 1
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
White LED Driver For Buck-Boost Application
logo
Texas Instruments
LM3509 TI1-LM3509 Datasheet
2Mb / 30P
High Efficiency Boost for White LEDs
logo
Rohm
BD6079GWL ROHM-BD6079GWL Datasheet
747Kb / 41P
White LEDs Driver
logo
Major-Power Technology ...
MA2001 MPOWER-MA2001 Datasheet
231Kb / 7P
1.4A Boost for White LED Driver
MA2001A MPOWER-MA2001A Datasheet
234Kb / 7P
1.4A Boost for White LED Driver
MA2001B MPOWER-MA2001B Datasheet
237Kb / 7P
1.4A Boost for White LED Driver
logo
PREMA Semiconductor.
PR4403 PREMA-PR4403 Datasheet
534Kb / 12P
0.9 V Boost Driver PR4403 for White LEDs in Solar Lamps
PR4401 PREMA-PR4401 Datasheet
566Kb / 12P
0.9 V Boost Driver for White LEDs Requires Only One External Component
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com