Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR4401 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PR4401
Description  0.9V Boost Driver for White LEDs PR4401/4402 Requires Only One External Component
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PR4401 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PR4401 Datasheet HTML 1Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 2Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 3Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 4Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 5Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 6Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 7Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 8Page - List of Unclassifed Manufacturers PR4401 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Ref.
Vcc
Gnd
Vout
Comp.
Control
Logic
LED DRIVER PR4401/PR4402
Absolute Maximum Ratings (PR4401 and PR4402)
Parameter
Min
Typ
Max
Units
VCC (no damage)
-0.3
8
V
Operating Temperature Range
-20
85
°C
Storage Temperature Range
-55
150
°C
Electrostatic Discharge (ESD) Protection
2
kV
Electrical Characteristics
Vcc=1.5V, Ta = 25°C, 10-22µH: one white LED / 4.7-6.8µH: two white LEDs in parallel, unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max Units
PR4401
PR4402
Supply Voltage, min. operating
min. startup
max. operating
L1 = 10...22µH
Ta = 25°C
1.90
0.70
0.90
0.80
0.95
1.90
0.70
0.90
0.80
0.95
V
V
V
Supply Voltage, min. operating
min. startup
max. operating
L1 = 10...22µH
Ta = 0...60°C
1.90
0.80
1.00
0.90
1.05
1.90
0.80
1.00
0.90
1.05
V
V
V
LED Mean Current
measured with L1 type LQH32C Murata
L1 = 47µH
L1 = 32µH
L1 = 26.7µH
L1 = 22µH
L1 = 14.7µH
L1 = 10µH
L1 = 6.8µH
L1 = 4.7µH
6.5
8.3
10.8
12
15
23
--
--
--
--
--
12
15
23
32
40
mA
mA
mA
mA
mA
Switching Current at Vout
Vout = 0.4V
200
250
mA
Switching Frequency
500
500
kHz
Quiescent supply current
Vcc > 950mV
Vcc = 600mV
Vcc = 400mV
4
50
10
5
8
100
20
10
mA
µA
µA
Efficiency
80
80
%
Vout
Vcc
15
15
V
Block Diagram
© PREMA Semiconductor GmbH 2006-2008
Page 2/12
Rev 0908



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com